Electronic Components Datasheet Search
  English  ▼

X  

54AC245F Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC245F
Description  Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC245F Datasheet(HTML) 6 Page - National Semiconductor (TI)

  54AC245F Datasheet HTML 1Page - National Semiconductor (TI) 54AC245F Datasheet HTML 2Page - National Semiconductor (TI) 54AC245F Datasheet HTML 3Page - National Semiconductor (TI) 54AC245F Datasheet HTML 4Page - National Semiconductor (TI) 54AC245F Datasheet HTML 5Page - National Semiconductor (TI) 54AC245F Datasheet HTML 6Page - National Semiconductor (TI) 54AC245F Datasheet HTML 7Page - National Semiconductor (TI) 54AC245F Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = OPEN
C
I/O
Input/Output
15.0
pF
V
CC = 5.0V
Capacitance
C
PD
Power Dissipation
45.0
pF
V
CC = 5.0V
Capacitance
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com