Electronic Components Datasheet Search
  English  ▼

X  

INA188ID Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA188ID
Description  Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA188ID Datasheet(HTML) 2 Page - Texas Instruments

  INA188ID Datasheet HTML 1Page - Texas Instruments INA188ID Datasheet HTML 2Page - Texas Instruments INA188ID Datasheet HTML 3Page - Texas Instruments INA188ID Datasheet HTML 4Page - Texas Instruments INA188ID Datasheet HTML 5Page - Texas Instruments INA188ID Datasheet HTML 6Page - Texas Instruments INA188ID Datasheet HTML 7Page - Texas Instruments INA188ID Datasheet HTML 8Page - Texas Instruments INA188ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
INA188
SBOS632 – SEPTEMBER 2015
www.ti.com
Table of Contents
7.3
Feature Description................................................. 18
1
Features .................................................................. 1
7.4
Device Functional Modes........................................ 21
2
Applications ........................................................... 1
8
Application and Implementation ........................ 27
3
Description ............................................................. 1
8.1
Application Information............................................ 27
4
Revision History..................................................... 2
8.2
Typical Application .................................................. 27
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 29
6
Specifications......................................................... 4
10
Layout................................................................... 29
6.1
Absolute Maximum Ratings ...................................... 4
10.1
Layout Guidelines ................................................. 29
6.2
ESD Ratings.............................................................. 4
10.2
Layout Example .................................................... 30
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 31
6.4
Thermal Information .................................................. 4
11.1
Device Support .................................................... 31
6.5
Electrical Characteristics: VS = ±4 V to ±18 V (VS =
8 V to 36 V)................................................................ 5
11.2
Documentation Support ........................................ 31
6.6
Electrical Characteristics: VS = ±2 V to < ±4 V (VS =
11.3
Community Resources.......................................... 31
4 V to < 8 V)............................................................... 7
11.4
Trademarks ........................................................... 31
6.7
Typical Characteristics .............................................. 9
11.5
Electrostatic Discharge Caution ............................ 31
7
Detailed Description ............................................ 17
11.6
Glossary ................................................................ 31
7.1
Overview ................................................................. 17
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ....................................... 17
Information ........................................................... 32
4 Revision History
DATE
REVISION
NOTES
September 2015
*
Initial release.
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: INA188



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com