Electronic Components Datasheet Search
  English  ▼

X  

INA217AIP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA217AIP
Description  Low-Noise, Low-Distortion Instrumentation Amplifier Replacement
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA217AIP Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA217AIP Datasheet HTML 10Page - Texas Instruments INA217AIP Datasheet HTML 11Page - Texas Instruments INA217AIP Datasheet HTML 12Page - Texas Instruments INA217AIP Datasheet HTML 13Page - Texas Instruments INA217AIP Datasheet HTML 14Page - Texas Instruments INA217AIP Datasheet HTML 15Page - Texas Instruments INA217AIP Datasheet HTML 16Page - Texas Instruments INA217AIP Datasheet HTML 17Page - Texas Instruments INA217AIP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Frequency (Hz)
0
5000
10000
15000
20000
0.0005
0.0007
0.001
0.002
0.003
0.005
0.007
0.01
0.02
0.03
0.05
D001
Gain = 20 dB
Gain = 40 dB
Gain = 60 dB
INA217
SBOS247C – JUNE 2002 – REVISED NOVEMBER 2015
www.ti.com
Typical Application (continued)
R4 and R5 provide a path for input bias current of the INA217. Input offset current (typically 100 nA) creates a DC
differential input voltage that will produce an output offset voltage. This is generally the dominant source of output
offset voltage in this application. With a maximum gain of 1000 (60 dB), the output offset voltage can be several
volts. This may be entirely acceptable if the output is AC-coupled into the subsequent stage. An alternate
technique is shown in Figure 16. An inexpensive FET-input operational amplifier in a feedback loop drives the
DC output voltage to 0 V. A2 is not in the audio signal path and does not affect signal quality.
Gain is set with a variable resistor, R7, in series with R6. R6 determines the maximum gain. The total resistance,
R6 + R7, determines the lowest gain. A special reverse-log taper potentiometer for R7 can be used to create a
linear change (in dB) with rotation.
8.2.3 Application Curve
Figure 17. THD + Noise for the Phantom Powered Microphone Circuit
9 Power Supply Recommendations
The INA217 is specified for operation from ±4.5 V to ±18 V; many specifications apply from –40°C to 85°C.
Parameters that can exhibit significant variance with regard to operating voltage or temperature are presented in
the Typical Characteristics.
14
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: INA217



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com