Electronic Components Datasheet Search
  English  ▼

X  

TMD4903 Datasheet(PDF) 48 Page - ams AG

Part # TMD4903
Description  Color and Proximity Sensor Module with mobeam
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD4903 Datasheet(HTML) 48 Page - ams AG

Back Button TMD4903 Datasheet HTML 44Page - ams AG TMD4903 Datasheet HTML 45Page - ams AG TMD4903 Datasheet HTML 46Page - ams AG TMD4903 Datasheet HTML 47Page - ams AG TMD4903 Datasheet HTML 48Page - ams AG TMD4903 Datasheet HTML 49Page - ams AG TMD4903 Datasheet HTML 50Page - ams AG TMD4903 Datasheet HTML 51Page - ams AG TMD4903 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 86 page
background image
Page 48
ams Datasheet
Document Feedback
[v1-12] 2015-May-14
TMD4903 − Register Description
Auxiliary ID Register (AUXID 0xBD)
Figure 59:
Auxiliary ID Register
Proximity Offset Registers
(0xC0 − 0xC7)
Proximity offset values have a range of ±255 and are expressed
as 9-bit two’s-complement values. Do not program values
outside of this range. Only the lower 9 bits are significant, but
the high byte must only be programmed with values of 0x00
(indicates that the low byte has a positive value) or 0xFF
(indicates that the low byte has a negative value).
Figure 60:
Proximity Offset Registers
7
6
543
2
1
0
Reserved
AUXID
Field
Bits
Description
Reserved
7:4
Reserved.
AUXID
3:0
Auxiliary ID. Value is 0000.
Field
Register
Bits
Description
OFFSETN
0xC0
7:0
North channel offset low byte
0xC1
15:8
North channel offset high byte
OFFSETS
0xC2
7:0
South channel offset low byte
0xC3
15:8
South channel offset high byte
OFFSETW
0xC4
7:0
West channel offset low byte
0xC5
15:8
West channel offset high byte
OFFSETE
0xC6
7:0
East channel offset low byte
0xC7
15:8
East channel offset high byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com