Electronic Components Datasheet Search
  English  ▼

X  

TMD49037 Datasheet(PDF) 67 Page - ams AG

Part # TMD49037
Description  Color and Proximity Sensor Module with mobeam
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD49037 Datasheet(HTML) 67 Page - ams AG

Back Button TMD49037 Datasheet HTML 63Page - ams AG TMD49037 Datasheet HTML 64Page - ams AG TMD49037 Datasheet HTML 65Page - ams AG TMD49037 Datasheet HTML 66Page - ams AG TMD49037 Datasheet HTML 67Page - ams AG TMD49037 Datasheet HTML 68Page - ams AG TMD49037 Datasheet HTML 69Page - ams AG TMD49037 Datasheet HTML 70Page - ams AG TMD49037 Datasheet HTML 71Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 86 page
background image
ams Datasheet
Page 67
[v1-12] 2015-May-14
Document Feedback
TMD4903 − Application Information
The digital logic in the remote control engine has been tailored
to fit the data format and protocol specifications for IR remote
control. “Press and Release” type buttons (E.g. Power) are
generated using the logic in the red box. “Press and Hold” type
buttons (E.g. Volume+) are generated using logic in both the
red and blue boxes. Figure 78 depicts how a command pattern
with a repeated sub-pattern is created using the logic shown in
the Simplified Flow Diagram. All of the “run-once” sub-pattern
and the “first” instance of the “repeated” sub-pattern is actually
run by the logic in the red box. The second instance of the
“repeated” sub-pattern is run by the logic in the blue box.
Figure 78:
Pattern Generation by Logical Block
Pattern Generation: All of the “one-time” sub-pattern and the “first” instance of the “repeated” sub-pattern is
actually run by the logic in the red box. The second instance of the “repeated” sub-pattern is run by the logic in
the blue box.
First of Repeat part
Second of Repeat part
“Complete” Pattern
Generated by “red box logic”
Generated by “blue box logic”
Pattern Generation by
Digital Logic Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com