Electronic Components Datasheet Search
  English  ▼

X  

REF5020AID Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # REF5020AID
Description  Low-Noise, Very Low Drift, Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5020AID Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF5020AID Datasheet HTML 2Page - Texas Instruments REF5020AID Datasheet HTML 3Page - Texas Instruments REF5020AID Datasheet HTML 4Page - Texas Instruments REF5020AID Datasheet HTML 5Page - Texas Instruments REF5020AID Datasheet HTML 6Page - Texas Instruments REF5020AID Datasheet HTML 7Page - Texas Instruments REF5020AID Datasheet HTML 8Page - Texas Instruments REF5020AID Datasheet HTML 9Page - Texas Instruments REF5020AID Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
REF5010, REF5020, REF5025, REF5030
REF5040, REF5045, REF5050
SBOS410G – JUNE 2007 – REVISED NOVEMBER 2015
www.ti.com
7.5 Electrical Characteristics
At TA = 25°C, ILOAD = 0, CL = 1 μF, and VIN = (VOUT + 0.2 V) to 18 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT VOLTAGE TEMPERATURE DRIFT
dVOUT/dT
Output Voltage Temperature Drift
High-Grade
2.5
3
ppm/°C
Standard-Grade
3
8
ppm/°C
LINE REGULATION
VIN = (VOUT + 0.2) TO 18 V
(1)
0.1
1
ppm/V
ΔVO(ΔVI)
Line Regulation
VIN = VOUT + 0.2 V,
0.2
1
ppm/V
TA = –40°C to 125°C
(1)
LOAD REGULATION
–10 mA < ILOAD < 10 mA,
20
30
ppm/mA
VIN = VOUT + 0.75 V
(2)
ΔVO(ΔIL)
Load Regulation
–10 mA < ILOAD < 10 mA,
VIN = VOUT + 0.75 V
50
ppm/mA
TA = –40°C to 125°C
(2)
SHORT- CIRCUIT CURRENT
ISC
Short circuit current
VOUT = 0
25
mA
THERMAL HYSTERESIS(3) (4)
High-Grade
MSOP-8
Cycle 1
50
ppm
Standard-Grade
MSOP-8
Cycle 1
70
ppm
High-Grade
SO-8
Cycle 1
70
ppm
Standard-Grade
SO-8
Cycle 1
90
ppm
High-Grade
MSOP-8
Cycle 2
40
ppm
Standard-Grade
MSOP-8
Cycle 2
40
ppm
High-Grade
SO-8
Cycle 2
50
ppm
Standard-Grade
SO-8
Cycle 2
50
ppm
LONG-TERM STABILITY(4)
MSOP-8
0 to 1000 hours
125
ppm/1000 hr
MSOP-8
1000 to 2000 hours
45
ppm/1000 hr
SO-8
0 to 1000 hours
100
ppm/1000 hr
SO-8
1000 to 2000 hours
50
ppm/1000 hr
TEMP PIN
Voltage Output
At TA = 25°C
575
mV
Temperature Sensitivity
TA = -40°C to 125°C
2.64
mV/°C
TURNON SETTLING TIME
Turnon Settling Time
To 0.1% with CL = 1 μF
200
μs
POWER SUPPLY
VOUT +
VS
Supply Voltage
See Note (5)
18
V
0.2(5)
0.8
1
mA
Quiescent Current
TA = -40°C to 125°C
1.2
mA
TEMPERATURE RANGE
Specified Range
–40
125
°C
Operating Range
–55
125
°C
(1)
Except for REF5020, where VIN = 2.7 V to 18 V.
(2)
Except for REF5020, where VIN = 3 V.
(3)
The thermal hysteresis procedure is explained in more detail in the Thermal Hysteresis section.
(4)
Data collected using devices soldered onto the test board.
(5)
For VOUT ≤ 2.5 V, the minimal supply voltage is 2.7 V.
6
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com