Electronic Components Datasheet Search
  English  ▼

X  

FMBC-R91Q-3012 Datasheet(PDF) 1 Page - Schurter Inc.

Part # FMBC-R91Q-3012
Description  2-stage filter for 3-phase systems with low leakage current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMBC-R91Q-3012 Datasheet(HTML) 1 Page - Schurter Inc.

  FMBC-R91Q-3012 Datasheet HTML 1Page - Schurter Inc. FMBC-R91Q-3012 Datasheet HTML 2Page - Schurter Inc. FMBC-R91Q-3012 Datasheet HTML 3Page - Schurter Inc. FMBC-R91Q-3012 Datasheet HTML 4Page - Schurter Inc. FMBC-R91Q-3012 Datasheet HTML 5Page - Schurter Inc. FMBC-R91Q-3012 Datasheet HTML 6Page - Schurter Inc. FMBC-R91Q-3012 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
3-Phase AC Filters / DC Filters
FMBC LL
www.schurter.com/PG80
EMC Products
2-stage filter for 3-phase systems with low leakage current
Description
- Terminals for three phases and ground
- High symmetrical and asymmetrical attenuation
- In the frequency range from 10kHz up to 300MHz
Standards
- IEC 60939
- UL 1283, Edition 5, CSA 22.2 No. 8-M1986, @ Ta 50 (40) °C
Approvals
- VDE Certificate Number: 40040983
- UL File Number: E72928
Applications
- Suitable for applications with RCDs
- Protection against interference voltage from the mains
- Especially designed for industrial applications such as: Frequency Con-
verters, Stepper Motor Drives, UPS-Systems, Inverters
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Approvals,
CE declaration of conformity, RoHS, CHINA-RoHS, REACH, e-Shop,
SCHURTER-Stock-Check, Distributor-Stock-Check, Detailed request for
product
Technical Data
Rated Current
7 - 180 A
Rated voltage
520 VAC, 50/60 Hz
Approval for
7 - 180 A @ 50 °C / 520 VAC; 50/60 Hz
Overload Current
1.5 x Ir for 1 minute, per hour
Dielectric Strength
> 2.25 kVDC between L-L
> 2.7 kVDC between L-PE
Test voltage 2 sec
Number of Filter Stages
2-stage
Weight
0.75 - 9.4 kg
Material: Housing
Metal
Sealing Compound
UL 94V-0
Mounting
Screw-on mounting on chassis
Terminal
Screw clamps
Operating Temperature [°C]
-25 °C to 100 °C
Climatic Category
25/100/21 acc. to IEC 60068-1
Degree of Protection
IP 20 acc. to IEC 60529
Protection Class
Suitable for appliances with protection
class I acc. to IEC 61140
MTBF
> 200'000 h acc. to MIL-HB-217 F


Similar Part No. - FMBC-R91Q-3012

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMBC-0927 SCHURTER-FMBC-0927 Datasheet
610Kb / 4P
2-stage filter for 3-phase systems
FMBC-0931 SCHURTER-FMBC-0931 Datasheet
610Kb / 4P
2-stage filter for 3-phase systems
FMBC-0932 SCHURTER-FMBC-0932 Datasheet
610Kb / 4P
2-stage filter for 3-phase systems
FMBC-0937 SCHURTER-FMBC-0937 Datasheet
610Kb / 4P
2-stage filter for 3-phase systems
FMBC-0938 SCHURTER-FMBC-0938 Datasheet
610Kb / 4P
2-stage filter for 3-phase systems
More results

Similar Description - FMBC-R91Q-3012

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMBD SCHURTER-FMBD Datasheet
968Kb / 6P
2-stage filter for 3-phase systems with neutral conductor
FMAD SCHURTER-FMAD Datasheet
714Kb / 5P
1-stage filter for 3-phase systems with neutral conductor
FMBC SCHURTER-FMBC Datasheet
610Kb / 4P
2-stage filter for 3-phase systems
FMW4-81 SCHURTER-FMW4-81 Datasheet
441Kb / 2P
Compact 2-stage filter for 3-phase systems with neutral conductor
FMAC SCHURTER-FMAC_V01 Datasheet
848Kb / 8P
1- stage filter for 3-phase systems
FMADCP SCHURTER-FMADCP Datasheet
442Kb / 4P
1-stage filter for 3-phase systems with neutral conductor
FMADNEO SCHURTER-FMADNEO Datasheet
749Kb / 6P
1-stage filter for 3-phase systems
FMAD SCHURTER-FMAD_V01 Datasheet
545Kb / 6P
1-stage filter for 3-phase systems with neutral conductor
FMBCNEO SCHURTER-FMBCNEO Datasheet
763Kb / 8P
2-stage filter for 3-phase systems
FMW4-81 SCHURTER-FMW4-81_V01 Datasheet
278Kb / 3P
Compact 2-stage filter for 3-phase systems with neutral conductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com