Electronic Components Datasheet Search
  English  ▼

X  

GSP4 Datasheet(PDF) 2 Page - Schurter Inc.

Part # GSP4
Description  IEC Appliance Inlet C20 or C24, Split panel or screw-on mounting, PCB Terminal
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

GSP4 Datasheet(HTML) 2 Page - Schurter Inc.

  GSP4 Datasheet HTML 1Page - Schurter Inc. GSP4 Datasheet HTML 2Page - Schurter Inc. GSP4 Datasheet HTML 3Page - Schurter Inc. GSP4 Datasheet HTML 4Page - Schurter Inc. GSP4 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Connectors (Inlets/Outlets)
GSP4
www.schurter.com/PG07
Connectors
Dimensions
Split panel mounting / Snap-in on PCB
max.R4.5
34.9
+0.1
0
B
Z
37.9
32.4
0.05
ø 6 ±
0.1
32±
ø 2.2
PCII w/o
15.1
2)
Dimension
A
B
Y
Z
Quick connect 6.3x0.8 mm
40.3
15.0
30.0
25.9
Solder
37.3
15.0
30.0
22.9
2) with protection cover
Split panel mounting / Screw-on mounting on PCB
max.R4.5
34.9
+0.1
0
B
Z
37.9
32.4
ø 3.4
0.1
32±
ø 2.2
PCII w/o
15.1
1)
2)
Dimension
A
B
Y
Z
Quick connect 6.3x0.8 mm
40.3
15.0
30.0
25.9
Solder
37.3
15.0
30.0
22.9
1) Mounting screw torque max. 0.3 Nm
2) with protection cover



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com