Electronic Components Datasheet Search
  English  ▼

X  

EPS Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # EPS
Description  TVS BIDIRECTIONAL 1000W, 5 to 48V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

EPS Datasheet(HTML) 2 Page - Digitron Semiconductors

  EPS Datasheet HTML 1Page - Digitron Semiconductors EPS Datasheet HTML 2Page - Digitron Semiconductors EPS Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High-reliability discrete products
and engineering services since 1977
EPSSERIES
TVS BIDIRECTIONAL
1000W, 5 to 48V
Rev. 20150306
MECHANICAL CHARACTERISTICS
Case:
Digi A
Polarity:
Cathode band
Marking:
Body painted, alpha-numeric



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com