Electronic Components Datasheet Search
  English  ▼

X  

MCS30 Datasheet(PDF) 1 Page - Schurter Inc.

Part # MCS30
Description  Metal Switch Short Stroke Ring Illuminated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MCS30 Datasheet(HTML) 1 Page - Schurter Inc.

  MCS30 Datasheet HTML 1Page - Schurter Inc. MCS30 Datasheet HTML 2Page - Schurter Inc. MCS30 Datasheet HTML 3Page - Schurter Inc. MCS30 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Metal Line Switches
MCS 30
www.schurter.com/PG70
Switches
Metal Switch Short Stroke Ring Illuminated
MCS 30 RI red
MCS 30 RI Multicolor
Description
- Momentary switch available in version ring Illumination and Lettering
- Assembly by mounting with nut
- Flexible wire connection
Unique Selling Proposition
- Flat front design metal made
- Switching voltage 48 VDC, switching current 125 mA
- With multicolor ring illumination
Characteristics
- Housing material: zinc die-cast, actuator material types: zinc die-cast
or stainless steel
- for use in harsh environments
Weblinks
html-datasheet, General Product Information, CE declaration of
conformity, RoHS, CHINA-RoHS, e-Shop, CAD-Drawings, Product
News, Detailed request for product
Technical Data
Electrical Data
Supply Voltage
LED operating data are listed in sepa-
rate table
Supply Voltage Ring Illumina-
tion
5 - 28 VDC
Switching Voltage
min. 4 VDC , max. 48 VDC
Switching Current
max. 125 mA
Rated Switching Capacity
1.2 W
Lifetime
1 million actuations at Rated Switching
Capacity
Contact Resistance
< 50 m
Ω, < 150 mΩ
Insulation Resistance
> 100 M
Ω
Duration of Bounce
< 5 ms
Mechanical Data
Actuating Force
3.7 N
Actuating Travel
0.4 mm,
Lifetime
1 million actuations
Shock Protection
IK 05 ,
Climatical Data
Operating Temperature
-20 to +60 °C
Storage Temperature
-20 to +60 °C
IP-Protection
IP 65 Front Side Contact Area, IP
40 Front Side mechanical, IP 67 Illumi-
nation
Salt Spray Test (acc. to DIN
50021-SS)
24 h / 48 h / 96 h Residence Time
Material
Contact Material
Ag
Housing of Switch
Zinc Die Casting Nickel Plated
Actuator unlettered
Zinc Die Casting Nickel Plated
Actuator lettered
Stainless Steel
Illumination Housing
Aluminium anodized
Dimension
MCS 30 RI
Ø33.75
Ø14
Ø21.5
Ø24.5
A
B
~200 mm
33.6
16.6
0.5
1.2


Similar Part No. - MCS30

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MCS30 SCHURTER-MCS30 Datasheet
82Kb / 7P
Snap-in switch for switches PSE, MSM and MCS 30
MCS30 SCHURTER-MCS30 Datasheet
549Kb / 4P
Metal Switch Short Stroke Ring Illuminated
MCS30 SCHURTER-MCS30 Datasheet
571Kb / 5P
Metal Switch Short Stroke Ring Illuminated
05.01.2022
MCS30 SCHURTER-MCS30_18 Datasheet
549Kb / 4P
Metal Switch Short Stroke Ring Illuminated
MCS30 SCHURTER-MCS30_V02 Datasheet
571Kb / 5P
Metal Switch Short Stroke Ring Illuminated
05.01.2022
More results

Similar Description - MCS30

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MCS18FRONT SCHURTER-MCS18FRONT Datasheet
390Kb / 4P
Membrane Switch Frontpanel Short Stroke 18 mm
MTG SCHURTER-MTG Datasheet
255Kb / 3P
Printmount Switch Short Stroke 12.7 mm
MCS19 SCHURTER-MCS19 Datasheet
638Kb / 6P
Metal Switch Short Stroke
MCS30 SCHURTER-MCS30_18 Datasheet
549Kb / 4P
Metal Switch Short Stroke Ring Illuminated
logo
Festo Corporation.
ADVC-12-5-I-P FESTO-ADVC-12-5-I-P Datasheet
90Kb / 1P
Short-stroke cylinder
logo
Schurter Inc.
MCS16 SCHURTER-MCS16_V01 Datasheet
750Kb / 6P
Metal Switch Short Stroke
05.01.2022
MCS19 SCHURTER-MCS19_V02 Datasheet
647Kb / 6P
Metal Switch Short Stroke
05.01.2022
MCS18FRONT SCHURTER-MCS18FRONT_V01 Datasheet
396Kb / 4P
Membrane Switch Frontpanel Short Stroke 18 mm
04.01.2022
MCS30 SCHURTER-MCS30_V02 Datasheet
571Kb / 5P
Metal Switch Short Stroke Ring Illuminated
05.01.2022
MTG SCHURTER-MTG_V01 Datasheet
269Kb / 3P
Printmount Switch Short Stroke 12.7 mm
04.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com