| Electronic Components Datasheet Search |
|
54AC374 Datasheet(PDF) 4 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
54AC374 Datasheet(HTML) 4 Page - National Semiconductor (TI) |
|
4 / 8 page ![]() DC Characteristics for ’AC Family Devices (Continued) 54AC Symbol Parameter V CC T A = −55˚C to +125˚C Units Conditions (V) Guaranteed Limits I OLD (Note 3) Minimum Dynamic Output Current 5.5 50 mA V OLD = 1.65V Max I OHD 5.5 −50 mA V OHD = 3.85V Min I CC Maximum Quiescent 5.5 80.0 µA V IN = VCC Supply Current or GND Note 2: All outputs loaded; thresholds on input associated with output under test. Note 3: Maximum test duration 2.0 ms, one output loaded at a time. Note 4: IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC. ICC for 54AC @ 25˚C is identical to 74AC @ 25˚C. DC Characteristics for ’ACT Family Devices 54ACT Symbol Parameter V CC T A = −55˚C to +125˚C Units Conditions (V) Guaranteed Limits V IH Minimum High Level Input Voltage 4.5 2.0 V V OUT = 0.1V 5.5 2.0 or V CC − 0.1V V IL Maximum Low Level Input Voltage 4.5 0.8 V V OUT = 0.1V 5.5 0.8 or V CC − 0.1V V OH Minimum High Level Output Voltage 4.5 4.4 V I OUT = −50 µA 5.5 5.4 (Note 5) V IN = VIL or VIH 4.5 3.70 V I OH −24 mA 5.5 4.70 −24 mA V OL Maximum Low Level Output Voltage 4.5 0.1 V I OUT = 50 µA 5.5 0.1 (Note 5) V IN = VIL or VIH 4.5 0.50 V I OL 24 mA 5.5 0.50 24 mA I IN Maximum Input 5.5 ±1.0 µA V I = VCC, GND Leakage Current I OZ Maximum 5.5 ±5.0 µA V I = VIL,VIH TRI-STATE Current V O = VCC, GND I CCT Maximum 5.5 1.6 mA V I = VCC − 2.1V I CC/Input I OLD (Note 6) Minimum Dynamic Output Current 5.5 50 mA V OLD = 1.65V Max I OHD 5.5 −50 mA V OHD = 3.85V Min I CC Maximum Quiescent 5.5 80.0 µA V IN = VCC Supply Current or GND Note 5: All outputs loaded; thresholds on input associated with output under test. Note 6: Maximum test duration 2.0 ms, one output loaded at a time. Note 7: ICC for 54ACT @ 25˚C is identical to 74ACT @ 25˚C. www.national.com 4 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |