Electronic Components Datasheet Search
  English  ▼

X  

TSOP373 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP373
Description  IR Receiver Modules for Remote Control Systems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP373 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP373 Datasheet HTML 1Page - Vishay Siliconix TSOP373 Datasheet HTML 2Page - Vishay Siliconix TSOP373 Datasheet HTML 3Page - Vishay Siliconix TSOP373 Datasheet HTML 4Page - Vishay Siliconix TSOP373 Datasheet HTML 5Page - Vishay Siliconix TSOP373 Datasheet HTML 6Page - Vishay Siliconix TSOP373 Datasheet HTML 7Page - Vishay Siliconix TSOP373 Datasheet HTML 8Page - Vishay Siliconix TSOP373 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TSOP373.., TSOP375..
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 10-Nov-15
1
Document Number: 82446
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Modules for Remote Control Systems
ORDERING CODE
Taping:
TSOP37...TT - top view taped
TSOP37...TR - side view taped
FEATURES
• Very low supply current
• Photo detectors and preamplifier in one package
• Internal filter for PCM frequency
• Supply voltage: 2.5 V to 5.5 V
• Improved immunity against ambient light
• Insensitive to supply voltage ripple and noise
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
DESCRIPTION
The TSOP373.., TSOP375.. series are miniaturized receiver
modules for infrared remote control systems. A PIN diode
and a preamplifier are assembled on a PCB, the epoxy
package contains an IR filter. The demodulated output
signal can be directly connected to a microprocessor for
decoding.
The TSOP373.. series devices are optimized to suppress
almost all spurious pulses from energy saving lamps like
CFLs. AGC3 may also suppress some data signals if
continuously transmitted.
New designs should prefer the TSOP373.. series containing
the newer AGC3. The TSOP375.. series contain a very
robust AGC5. This series should only be used for critically
noisy environments.
These components have not been qualified according to
automotive specifications.
22531-1
PARTS TABLE
AGC
NOISY ENVIRONMENTS
AND SHORT BURSTS (AGC3)
VERY NOISY ENVIRONMENTS
AND SHORT BURSTS (AGC5)
Carrier
frequency
36 kHz
TSOP37336 (1)
TSOP37536
38 kHz
TSOP37338 (2)(3)(4)(5)
TSOP37538
40 kHz
TSOP37340
TSOP37540
56 kHz
TSOP37356
TSOP37556
Package
Belobog
Pinning
1 = OUT, 2, 3, 6, 7, 8 = GND, 4, 5 = VS
Dimensions (mm)
3.95 W x 3.95 H x 0.8 D
Mounting
SMD
Application
Remote control
Best remote control code
(1) MCIR (2) Mitsubishi (3) RECS-80 Code (4) r-map (5) XMP-1, XMP-2


Similar Part No. - TSOP373

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP373 VISHAY-TSOP373 Datasheet
332Kb / 11P
IR Receiver Modules for Remote Control Systems
29-Jul-2021
TSOP373..H VISHAY-TSOP373..H Datasheet
371Kb / 10P
IR Receiver Modules for Remote Control Systems
30-Mar-2021
TSOP37336 VISHAY-TSOP37336 Datasheet
273Kb / 11P
IR Receiver Modules for Remote Control Systems
13-Sep-17
TSOP37336 VISHAY-TSOP37336 Datasheet
332Kb / 11P
IR Receiver Modules for Remote Control Systems
29-Jul-2021
TSOP37338 VISHAY-TSOP37338 Datasheet
273Kb / 11P
IR Receiver Modules for Remote Control Systems
13-Sep-17
More results

Similar Description - TSOP373

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP4830ON1 VISHAY-TSOP4830ON1 Datasheet
405Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
IR Receiver Modules for Remote Control Systems
31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
IR Receiver Modules for Remote Control Systems
26-Sep-08
TSOP31230 VISHAY-TSOP31230 Datasheet
160Kb / 8P
IR Receiver Modules for Remote Control Systems
19-Aug-08
TSOP6130 VISHAY-TSOP6130 Datasheet
414Kb / 13P
IR Receiver Modules for Remote Control Systems
10-Jun-08
TSOP372 VISHAY-TSOP372 Datasheet
257Kb / 11P
IR Receiver Modules for Remote Control Systems
11-Nov-15
TSOP572 VISHAY-TSOP572 Datasheet
259Kb / 11P
IR Receiver Modules for Remote Control Systems
10-Nov-15
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
IR Receiver Modules for Remote Control Systems
22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
IR Receiver Modules for Remote Control Systems
13-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com