Electronic Components Datasheet Search
  English  ▼

X  

LM35DH Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM35DH
Description  Precision Centigrade Temperature Sensors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM35DH Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM35DH Datasheet HTML 3Page - Texas Instruments LM35DH Datasheet HTML 4Page - Texas Instruments LM35DH Datasheet HTML 5Page - Texas Instruments LM35DH Datasheet HTML 6Page - Texas Instruments LM35DH Datasheet HTML 7Page - Texas Instruments LM35DH Datasheet HTML 8Page - Texas Instruments LM35DH Datasheet HTML 9Page - Texas Instruments LM35DH Datasheet HTML 10Page - Texas Instruments LM35DH Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
LM35
www.ti.com
SNIS159F – AUGUST 1999 – REVISED JANUARY 2016
Electrical Characteristics: LM35A, LM35CA (continued)
Unless otherwise noted, these specifications apply:
−55°C ≤ TJ ≤ 150°C for the LM35 and LM35A; −40°C ≤ TJ ≤ 110°C for the
LM35C and LM35CA; and 0°C
≤ TJ ≤ 100°C for the LM35D. VS = 5 Vdc and ILOAD = 50 μA, in the circuit of Full-Range
Centigrade Temperature Sensor. These specifications also apply from 2°C to TMAX in the circuit of Figure 14.
LM35A
LM35CA
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
TYP
TYP
MAX
56
56
VS = 5 V, 25°C
Tested Limit(2)
67
67
Design Limit(3)
105
91
VS = 5 V,
Tested Limit(2)
–40°C
≤ TJ ≤ 125°C
Design Limit(3)
131
114
Quiescent
µA
current(6)
56.2
56.2
VS = 30 V, 25°C
Tested Limit(2)
68
68
Design Limit(3)
105.5
91.5
VS = 30 V,
Tested Limit(2)
–40°C
≤ TJ ≤ 125°C
Design Limit(3)
133
116
0.2
0.2
4 V
≤ VS ≤ 30 V, 25°C
Tested Limit(2)
1
1
Change of
Design Limit(3)
quiescent
µA
0.5
0.5
current(5)
4 V
≤ VS ≤ 30 V,
Tested Limit(2)
–40°C
≤ TJ ≤ 125°C
Design Limit(3)
2
2
0.39
0.39
Temperature
coefficient of
–40°C
≤ TJ ≤ 125°C
Tested Limit(2)
µA/°C
quiescent current
Design Limit(3)
0.5
0.5
1.5
1.5
Minimum
In circuit of Figure 14, IL =
temperature for
Tested Limit(2)
°C
0
rate accuracy
Design Limit(3)
2
2
Long term
±0.08
±0.08
TJ = TMAX, for 1000 hours
°C
stability
(6)
Quiescent current is defined in the circuit of Figure 14.
Copyright © 1999–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com