Electronic Components Datasheet Search
  English  ▼

X  

AS1345A Datasheet(PDF) 24 Page - ams AG

Part # AS1345A
Description  18V, High Efficiency, DC-DC Step-Up Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1345A Datasheet(HTML) 24 Page - ams AG

Back Button AS1345A Datasheet HTML 20Page - ams AG AS1345A Datasheet HTML 21Page - ams AG AS1345A Datasheet HTML 22Page - ams AG AS1345A Datasheet HTML 23Page - ams AG AS1345A Datasheet HTML 24Page - ams AG AS1345A Datasheet HTML 25Page - ams AG AS1345A Datasheet HTML 26Page - ams AG AS1345A Datasheet HTML 27Page - ams AG AS1345A Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
AS1345 – 24
ams Datasheet, Confidential: 2013-Nov [1-51]
P a ck age Dra w ings & Mark ings
Figure 27:
8-pin (2x2) TDFN Package
Note(s) and/or Footnote(s):
1. Dimensions & tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters. Angles are in degrees.
3. Coplanarity applies to the exposed heat slug as well as the terminal.
4. Radius on terminal is optional.
5. N is the total number of terminals.
Encoded Date Code
Marking Code
XXX
zz
zz
XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com