Electronic Components Datasheet Search
  English  ▼

X  

AS3693B1 Datasheet(PDF) 14 Page - ams AG

Part # AS3693B1
Description  16 Channel high precision LED driver for LCD Backlight
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3693B1 Datasheet(HTML) 14 Page - ams AG

Back Button AS3693B1 Datasheet HTML 10Page - ams AG AS3693B1 Datasheet HTML 11Page - ams AG AS3693B1 Datasheet HTML 12Page - ams AG AS3693B1 Datasheet HTML 13Page - ams AG AS3693B1 Datasheet HTML 14Page - ams AG AS3693B1 Datasheet HTML 15Page - ams AG AS3693B1 Datasheet HTML 16Page - ams AG AS3693B1 Datasheet HTML 17Page - ams AG AS3693B1 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
AS3693B1
austriami crosyst ems
www.austriamicrosystems.com
Revision 1.26 / 2011-04-02
13 - 33
7.1.2 Voltage fault registers
In this registers an open or short led fault can be detected. If an open or short led error occurs, pin fault is pulled
to 0 (3 ms debounced ).
Remark: At 100% PWM duty cycle, short and open led fault detection is not available. Please set PWM to 99%
duty cycle.
Table 8 – Fault Registers
Addr: 09h-0ch
Voltage Fault 1,2,3,4
This register shows a fault on any led string
Bit
Bit Name
Default
Access
Description
1:0
Fault_Reg 1
Fault_Reg 5
Fault_Reg 9
Fault_Reg 13
00
R
Shows a error on any led string
00 = no fault
01 = open led
10 = short led
3:2
Fault_Reg 2
Fault_Reg 6
Fault_Reg 10
Fault_Reg 14
00
R
Shows a error on any led string
00 = no fault
01 = open led
10 = short led
5:4
Fault_Reg 3
Fault_Reg 7
Fault_Reg 11
Fault_Reg 15
00
R
Shows a error on any led string
00 = no fault
01 = open led
10 = short led
7:6
Fault_Reg 4
Fault_Reg 8
Fault_Reg 12
Fault_Reg 16
00
R
Shows a error on any Led string
00 = no Fault
01 = open Led
10 = short Led
7.2
Curreg 1-16
Each current source can be turned on and off separately.
Table 9 –Reg. Control 1
Addr: 01h
Reg. Control1
This register enables or disables the curreg 1 - 8
Bit
Bit Name
Default
Access
Description
7:0
Curreg 1-8_ON
R/W
Enables or disables the current regulators
0 = regulator off
1 = regulator on
Table 10– Reg.Control 2
Addr: 02h
Reg. Control2
This Register enables or disables the curreg 9-16
Bit
Bit Name
Default
Access
Description
7:0
Curreg 9 -16_ON
R/W
Enables or disables the current regulators
0 = regulator off
1 = regulator on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com