Electronic Components Datasheet Search
  English  ▼

X  

AS3695C Datasheet(PDF) 10 Page - ams AG

Part # AS3695C
Description  16 channel white LED controller for LCD backlight
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3695C Datasheet(HTML) 10 Page - ams AG

Back Button AS3695C Datasheet HTML 6Page - ams AG AS3695C Datasheet HTML 7Page - ams AG AS3695C Datasheet HTML 8Page - ams AG AS3695C Datasheet HTML 9Page - ams AG AS3695C Datasheet HTML 10Page - ams AG AS3695C Datasheet HTML 11Page - ams AG AS3695C Datasheet HTML 12Page - ams AG AS3695C Datasheet HTML 13Page - ams AG AS3695C Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
AS3695C
austriamicrosystems
www.austriamicrosystems.com
Rev 1.11 / 2010-12-08
9 - 39
The DAC output voltage can be calculated with:
DAC...10bit data value
DACref...DAC reference voltage 500mV to 800mV
4.1.7 Registers in current output stage
RegAddr: 0x01
CUR_ON_1
Bit
Name
Description
Default
Acc
ess
7:0
CURR1 -
CURR8
Enables or disables current outputs
0...output OFF.
Pulldown resistor to GND
1...output ON.
00000000
r/w
RegAddr: 0x02
CUR_ON_2
Bit
Name
Description
Default
Acc
ess
7:0
CURR9 -
CURR16
Enables or disables current outputs
0...output OFF.
Pulldown resistor to GND
1...output ON.
00000000
r/w
RegAddr: 0x03
Fault_1
Bit
Name
Description
Default
Acc
ess
7:3
Not used
00000
r/w
2
Toff_OverT
Automatic Output turn off at overtemperture
0...Do not turn off current outputs on overtemperature
1... Turn off current outputs on overtemperature
1
r/w
1
Toff_Short
Automatic Output turn off on short LED detection
0...Do not turn off current outputs on on short LED detection
1... Turn off current outputs on short LED detection
0
r/w
0
Toff_Open
Automatic Output turn off on open LED detection
0...Do not turn off current outputs on on open LED detection
1... Turn off current outputs on open LED detection
0
r/w
RegAddr: 0x04
Fault_2
Bit
Name
Description
Default
Acc
ess
7:6
OPENvoltage
Trigger voltage for OPEN LED detection
00...50mV
01...100mV
00
r/w
DAC
Bandgap
800mV (trimmed)
reference
700mV
600mV
500mV
DACref
DACref
Ref
10bit
DAC
VDAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com