Electronic Components Datasheet Search
  English  ▼

X  

AS3729 Datasheet(PDF) 3 Page - ams AG

Part # AS3729
Description  5A Power Stage
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3729 Datasheet(HTML) 3 Page - ams AG

  AS3729 Datasheet HTML 1Page - ams AG AS3729 Datasheet HTML 2Page - ams AG AS3729 Datasheet HTML 3Page - ams AG AS3729 Datasheet HTML 4Page - ams AG AS3729 Datasheet HTML 5Page - ams AG AS3729 Datasheet HTML 6Page - ams AG AS3729 Datasheet HTML 7Page - ams AG AS3729 Datasheet HTML 8Page - ams AG AS3729 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ams Datasheet
Page 3
[v1-24] 2015-Aug-13
Document Feedback
AS3729 − Pin Assignment
Figure 3:
Pin Diagram
Figure 4:
Pin Description
Pin Number
Pin Name
Description
A1
CTRL1
Control IO for phase 1
B1
TEMP
ON/OFF control and temperature feedback
C1
AGND
Analog ground
D1
CTRL2
Control IO for phase 2
A2, B2
VSUP
Phase 1 positive supply terminal
C2, D2
VSUP
Phase 2 positive supply terminal
A3, B3
LX1
Phase 1 switching output to coil
C3, D3
LX2
Phase 2 switching output to coil
A4, B4
PVSS
Phase 1 negative supply terminal
C4, D4
PVSS
Phase 2 negative supply terminal
Pin Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19