Electronic Components Datasheet Search
  English  ▼

X  

AS5047P Datasheet(PDF) 11 Page - ams AG

Part # AS5047P
Description  14-bit On-Axis Magnetic Rotary Position Sensor with 12-Bit Decimal
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047P Datasheet(HTML) 11 Page - ams AG

Back Button AS5047P Datasheet HTML 7Page - ams AG AS5047P Datasheet HTML 8Page - ams AG AS5047P Datasheet HTML 9Page - ams AG AS5047P Datasheet HTML 10Page - ams AG AS5047P Datasheet HTML 11Page - ams AG AS5047P Datasheet HTML 12Page - ams AG AS5047P Datasheet HTML 13Page - ams AG AS5047P Datasheet HTML 14Page - ams AG AS5047P Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
ams Datasheet
Page 11
[v1-00] 2014-Oct-31
Document Feedback
AS5047P − Detailed Description
SPI Interface (slave)
The SPI interface is used by a host microcontroller (master) to
read or write the volatile memory as well as to program the
non-volatile OTP registers. The AS5047P SPI only supports slave
operation mode. It communicates at clock rates up to 10 MHz.
The AS5047P SPI uses mode=1 (CPOL=0, CPHA=1) to exchange
data. As shown in Figure 11, a data transfer starts with the
falling edge of CSn (SCL is low). The AS5047P samples MOSI data
on the falling edge of SCL. SPI commands are executed at the
end of the frame (rising edge of CSn). The bit order is MSB first.
Data is protected by parity.
SPI Timing
The AS5047P SPI timing is shown in Figure 11.
Figure 11:
SPI Timing Diagram
CSn
(Input)
CLK
(Input)
MOSI
(Input)
MISO
(Output)
tclk
tL
tMOSI
tMISO
tOZ
tOZ
tH
tCSn
tclkL
tclkH
Data[15]
Data[15]
Data[14]
Data[14]
Data[0]
Data[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40