Electronic Components Datasheet Search
  English  ▼

X  

PCM5101A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5101A
Description  Audio Stereo DAC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5101A Datasheet(HTML) 2 Page - Texas Instruments

  PCM5101A Datasheet HTML 1Page - Texas Instruments PCM5101A Datasheet HTML 2Page - Texas Instruments PCM5101A Datasheet HTML 3Page - Texas Instruments PCM5101A Datasheet HTML 4Page - Texas Instruments PCM5101A Datasheet HTML 5Page - Texas Instruments PCM5101A Datasheet HTML 6Page - Texas Instruments PCM5101A Datasheet HTML 7Page - Texas Instruments PCM5101A Datasheet HTML 8Page - Texas Instruments PCM5101A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
PCM5100A, PCM5101A, PCM5102A
PCM5100A-Q1, PCM5101A-Q1, PCM5102A-Q1
SLAS859C – MAY 2012 – REVISED MAY 2015
www.ti.com
Table of Contents
9.4
Device Functional Modes........................................ 25
1
Features .................................................................. 1
10
Applications and Implementation...................... 26
2
Applications ........................................................... 1
10.1
Application Information.......................................... 26
3
Description ............................................................. 1
11
Power Supply Recommendations ..................... 28
4
Simplified System Diagram .................................. 1
11.1
Power Supply Distribution and Requirements ...... 28
5
Revision History..................................................... 2
11.2
Recommended Powerdown Sequence................. 28
6
Device Comparison ............................................... 4
11.3
External Power Sense Undervoltage Protection
7
Pin Configuration and Functions ......................... 5
Mode ........................................................................ 30
8
Specifications......................................................... 6
11.4
Power-On Reset Function..................................... 32
8.1
Absolute Maximum Ratings ...................................... 6
11.5
PCM510xA Power Modes ..................................... 33
8.2
ESD Ratings ............................................................ 6
12
Layout................................................................... 34
8.3
Recommended Operating Conditions ....................... 6
12.1
Layout Guidelines ................................................. 34
8.4
Thermal Information .................................................. 6
13
Device and Documentation Support ................. 35
8.5
Electrical Characteristics........................................... 7
13.1
Related Links ........................................................ 35
8.6
Timing Requirements .............................................. 11
13.2
Community Resources.......................................... 35
8.7
Timing Requirements, XSMT .................................. 11
13.3
Trademarks ........................................................... 35
8.8
Typical Characteristics ............................................ 12
13.4
Electrostatic Discharge Caution ............................ 35
9
Detailed Description ............................................ 14
14
Mechanical, Packaging, and Orderable
9.1
Overview ................................................................. 14
Information ........................................................... 35
9.2
Functional Block Diagram ....................................... 14
14.1
Mechanical Data ................................................... 35
9.3
Feature Description................................................. 14
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (January 2015) to Revision C
Page
•
Changed the device number from "PCM510x" to "PCM510xA" in the Simplified System Diagram ..................................... 1
•
Changed typical performance table to reflect part differences accurately ............................................................................ 4
•
Changed "Storage temperatures, Tstg" to "Operating junction temperature range at –40°C to 130°C" ................................. 6
•
Changed "Storage temperature (Q1 devices) –40°C to 125°C" to "Storage temperatures, Tstg –65°C to 150°C" ................ 6
•
Changed the stereo line output load resistance MIN value in the Recommended Operating Conditions from "2 k
Ω"
to "1 k
Ω".................................................................................................................................................................................. 6
•
Changed the operating junction temperature range in the Recommended Operating Conditions from "MIN = –25°C
MAX = 85°C" to "MIN = –40°C MAX = 130°C"....................................................................................................................... 6
•
Added "Q1 Automotive grade devices..." and "Consumer grade (non-Q1) devices..." to the condition statement in
the Electrical Characteristics .................................................................................................................................................. 7
•
Added "Q1 Automotive grade devices..." and "Consumer grade (non-Q1) devices..." to the condition statement in
the Typical Characteristics graphs section. .......................................................................................................................... 12
•
Changed "MCK" to "SCK" at the PLL Clock in the Functional Block Diagram..................................................................... 14
•
Added label "Mute Circuit" and ground symbols to pins DEMP and FMT in Figure 33 ...................................................... 26
Changes from Revision A (September 2012) to Revision B
Page
•
Added ESD Rating table, Detailed Description section, Application and Implementation section, Power Supply
Recommendations section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable
Information.............................................................................................................................................................................. 1
•
Added items to show 1.8 V DVDD capability ......................................................................................................................... 1
•
Changed the Features list. ..................................................................................................................................................... 1
•
Changed "Operating temperature range " to "Operating junction temperature range" .......................................................... 6
•
Deleted redundant PLL specification in the Recommended Operating Conditions .............................................................. 6
•
Deleted "Intelligent clock error..." and "...for pop-free performance."................................................................................... 14
2
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: PCM5100A PCM5101A PCM5102A PCM5100A-Q1 PCM5101A-Q1 PCM5102A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com