Electronic Components Datasheet Search
  English  ▼

X  

TCS3490 Datasheet(PDF) 21 Page - ams AG

Part # TCS3490
Description  Color Light-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3490 Datasheet(HTML) 21 Page - ams AG

Back Button TCS3490 Datasheet HTML 17Page - ams AG TCS3490 Datasheet HTML 18Page - ams AG TCS3490 Datasheet HTML 19Page - ams AG TCS3490 Datasheet HTML 20Page - ams AG TCS3490 Datasheet HTML 21Page - ams AG TCS3490 Datasheet HTML 22Page - ams AG TCS3490 Datasheet HTML 23Page - ams AG TCS3490 Datasheet HTML 24Page - ams AG TCS3490 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
ams Datasheet
Page 21
[v1-09] 2016-Jan-11
Document Feedback
TCS3490 − Register Description
RGBC Data Registers (0x94 - 0x9B)
Clear, red, green, and blue data is stored as 16-bit values. The
read sequence must read byte pairs (low followed by high)
starting on an even address boundary (0x94, 0x96, 0x98, or
0x9A) inside the RGBC Data Register block. When the lower byte
register is read, the upper eight bits are stored into a shadow
register, which is read by a subsequent read to the upper byte.
The upper register will read the correct value even if additional
ADC integration cycles end between the reading of the lower
and upper registers.
Figure 30:
RGBC Data Registers
Register
Address
Bits
Description
CDATAL
0x94
7:0
Clear / IR data low byte
CDATAH
0x95
7:0
Clear / IR data high byte
RDATAL
0x96
7:0
Red data low byte
RDATAH
0x97
7:0
Red data high byte
GDATAL
0x98
7:0
Green data low byte
GDATAH
0x99
7:0
Green data high byte
BDATAL
0x9A
7:0
Blue data low byte
BDATAH
0x9B
7:0
Blue data high byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com