Electronic Components Datasheet Search
  English  ▼

X  

SL900A-ASWB Datasheet(PDF) 63 Page - ams AG

Part # SL900A-ASWB
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SL900A-ASWB Datasheet(HTML) 63 Page - ams AG

Back Button SL900A-ASWB Datasheet HTML 59Page - ams AG SL900A-ASWB Datasheet HTML 60Page - ams AG SL900A-ASWB Datasheet HTML 61Page - ams AG SL900A-ASWB Datasheet HTML 62Page - ams AG SL900A-ASWB Datasheet HTML 63Page - ams AG SL900A-ASWB Datasheet HTML 64Page - ams AG SL900A-ASWB Datasheet HTML 65Page - ams AG SL900A-ASWB Datasheet HTML 66Page - ams AG SL900A-ASWB Datasheet HTML 67Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 90 page
background image
ams Datasheet: 2014-May-06 [v1-01]
SL900A – 63
Ca l i b r at i o n B i t s
The SL900A chip is factory calibrated. The calibration settings
can be modified by the application. Some values in the
calibration data field should not be modified by the application
as this could degrade the temperature performance and the
communication stability. Those values are highlighted in the
table as DO NOT MODIFY.
The individual bits in the calibration field are:
Calibration
Function
Range
Min
Max
Step
ad1[4:0]
AD lower voltage reference - fine – DO NOT
MODIFY
-10mV
+10mV
0.625mV
coars1[2:0]
AD lower voltage reference - coarse – can be
used
160mV
510mV
50mV
ad2[4:0]
AD higher voltage reference - fine – DO NOT
MODIFY
-10mV
+10mV
0.625mV
coars2[2:0]
AD higher voltage reference - coarse
260mV
610mV
50mV
gnd_switch
Switches the lower AD voltage reference to
ground (default = 1)
0
selp12[1:0]
POR voltage level for 1.5V system
LH -1.04V
HL -0.98V
LH - 1.17V
HL - 1.11V
adf[4:0]
Main reference voltage calibration – DO NOT
MODIFY
622mV
648mV
0.86mV
df[7:0]
RTC oscillator calibration
800Hz
1165Hz
~1Hz
(non linear)
sw_ext_en
Controlled battery supply for external sensor –
the battery voltage is connected to the EXC pin
selp22[1:0]
POR voltage level for 3V system
LH - 1.95 V
HL - 1.84V
LH - 2.19V
HL - 2.07V
Calibration Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com