Electronic Components Datasheet Search
  English  ▼

X  

TCS34907FN Datasheet(PDF) 15 Page - ams AG

Part # TCS34907FN
Description  Color Light-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS34907FN Datasheet(HTML) 15 Page - ams AG

Back Button TCS34907FN Datasheet HTML 11Page - ams AG TCS34907FN Datasheet HTML 12Page - ams AG TCS34907FN Datasheet HTML 13Page - ams AG TCS34907FN Datasheet HTML 14Page - ams AG TCS34907FN Datasheet HTML 15Page - ams AG TCS34907FN Datasheet HTML 16Page - ams AG TCS34907FN Datasheet HTML 17Page - ams AG TCS34907FN Datasheet HTML 18Page - ams AG TCS34907FN Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
ams Datasheet
Page 15
[v1-09] 2016-Jan-11
Document Feedback
TCS3490 − Register Description
RGBC Integration Time Register (ATIME 0x81)
The ATIME register controls the internal integration time of the
RGBC channel ADCs. Upon power up, the RGBC time register is
set to 0xFF.
The maximum (or saturation) count value can be calculated
based upon the integration time cycles as follows:
min [CYCLES * 1024, 65535]
Figure 20:
RGBC Integration Time Register
Wait Time Register (WTIME 0x83)
The WTIME controls the amount of time in a low power mode.
It is set 2.78 ms increments unless the WLONG bit is asserted in
which case the wait times are 12× longer. WTIME is
programmed as a 2’s complement number. Upon power up, the
wait time register is set to 0xFF.
Figure 21:
Wait Time Register
Note(s) and/or Footnote(s):
1. The wait time register should be configured before AEN is asserted.
Field
Bits
Description
Value
Cycles
Time
Max Count
ATIME
7:0
0xFF
1
2.78 ms
1024
0xF6
10
27.8 ms
10240
0xDB
37
103 ms
37888
0xC0
64
178 ms
65535
0x00
256
712 ms
65535
Field
Bits
Description
Register Value
Wait Time
Time
(WLONG=0)
Time
(WLONG=1)
WTIME
7:0
0xFF
1
2.78 ms
0.03 s
0xAB
85
236 ms
2.84 s
0x00
256
712 ms
8.54 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com