Electronic Components Datasheet Search
  English  ▼

X  

TMD27723 Datasheet(PDF) 22 Page - ams AG

Part # TMD27723
Description  Digital ALS and Proximity Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27723 Datasheet(HTML) 22 Page - ams AG

Back Button TMD27723 Datasheet HTML 18Page - ams AG TMD27723 Datasheet HTML 19Page - ams AG TMD27723 Datasheet HTML 20Page - ams AG TMD27723 Datasheet HTML 21Page - ams AG TMD27723 Datasheet HTML 22Page - ams AG TMD27723 Datasheet HTML 23Page - ams AG TMD27723 Datasheet HTML 24Page - ams AG TMD27723 Datasheet HTML 25Page - ams AG TMD27723 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
Page 22
ams Datasheet, Confidential
Document Feedback
[v1-20] 2014-Jul-21
TMD2772/ TMD2772WA − Principles of Operation
controlled by the proximity ADC conversion time (PTIME) which
is programmable from 1 to 256 2.73ms time units. However,
depending on the application, scaling the proximity data will
equally scale any accumulated noise. Therefore, in general, it is
recommended to leave PTIME at the default value of one 2.73ms
ADC conversion time (0xFF).
In many practical proximity applications, a number of optical
system and environmental conditions can produce an offset in
the proximity measurement result. To counter these effects, a
proximity offset (POFFSET ) is provided which allows the
proximity data to be shifted positive or negative. Additional
information on the use of the proximity offset feature is
provided in available ams application notes.
Once the first proximity cycle has completed, the proximity
valid (PVALID) bit in the Status register will be set and remain
set until the proximity detection function is disabled (PEN).
For additional information on using the proximity detection
function behind glass and for optical system design guidance,
please see available ams application notes.
Interrupts
The interrupt feature simplifies and improves system efficiency
by eliminating the need to poll the sensor for light intensity or
proximity values outside of a user-defined range. While the
interrupt function is always enabled and its status is available
in the status register (0x13), the output of the interrupt state
can be enabled using the proximity interrupt enable (PIEN) or
ALS interrupt enable (AIEN) fields in the enable register (0x00).
Four 16-bit interrupt threshold registers allow the user to set
limits below and above a desired light level and proximity
range. An interrupt can be generated when the ALS CH0 data
(C0DATA) falls outside of the desired light level range, as
determined by the values in the ALS interrupt low threshold
registers (AILTx) and ALS interrupt high threshold registers
(AIHTx). Likewise, an out-of-range proximity interrupt can be
generated when the proximity data (PDATA) falls below the
proximity interrupt low threshold (PILTx) or exceeds the
proximity interrupt high threshold (PIHTx).
It is important to note that the thresholds are evaluated in
sequence, first the low threshold, then the high threshold. As a
result, if the low threshold is set above the high threshold, the
high threshold is ignored and only the low threshold is
evaluated.
To further control when an interrupt occurs, the device provides
a persistence filter. The persistence filter allows the user to
specify the number of consecutive out-of-range ALS or
proximity occurrences before an interrupt is generated. The
Interrupt register (0x0C) allows the user to set the ALS
persistence filter (APERS) and the proximity persistence filter
(PPERS) values. See the “Interrupt Register (0x0C)” on page 35
for details on the persistence filter values. Once the persistence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com