Electronic Components Datasheet Search
  English  ▼

X  

TAS5760L Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760L
Description  General-Purpose I2S Input Class-D Amplifier
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760L Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5760L Datasheet HTML 9Page - Texas Instruments TAS5760L Datasheet HTML 10Page - Texas Instruments TAS5760L Datasheet HTML 11Page - Texas Instruments TAS5760L Datasheet HTML 12Page - Texas Instruments TAS5760L Datasheet HTML 13Page - Texas Instruments TAS5760L Datasheet HTML 14Page - Texas Instruments TAS5760L Datasheet HTML 15Page - Texas Instruments TAS5760L Datasheet HTML 16Page - Texas Instruments TAS5760L Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 77 page
background image
TAS5760L
www.ti.com
SLOS782B – JULY 2013 – REVISED SEPTEMBER 2015
I²C Control Port (continued)
specifications are over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tbuf
Bus Free time between STOP and
1.3
µS
START conditions
tf(I²C)
Rise Time, SCL and SDA
300
ns
th1(I²C)
Hold Time, SCL to SDA
0
ns
th2(I²C)
Hold Time, START condition to SCL
0.6
µs
tI²C(start)
I²C Startup Time
12
mS
tr(I²C)
Rise Time, SCL and SDA
300
ns
tsu1(I²C)
Setup Time, SDA to SCL
100
ns
tsu2(I²C)
Setup Time, SCL to START condition
0.6
µS
tsu3(I²C)
Setup Time, SCL to STOP condition
0.6
µS
Tw(H)
Required Pulse Duration, SCL HIGH
0.6
µS
Tw(L)
Required Pulse Duration, SCL LOW
1.3
µS
7.13 Typical Idle, Mute, Shutdown, Operational Power Consumption
input signal is 1 kHz Sine, specifications are over operating free-air temperature range (unless otherwise noted)
VPVDD
RSPK
IPVDD+AVDD
IDVDD
PDISS
SPEAKER AMPLIFIER STATE
[V]
[
Ω]
[mA]
[mA]
[W]
4
23.48
3.73
0.15
Idle
8
23.44
3.72
0.15
4
23.53
3.72
0.15
Mute
8
23.46
3.72
0.15
fSPK_AMP =
384kHz
4
13.26
0.48
0.08
Sleep
8
13.27
0.53
0.08
4
0.046
0.04
0
Shutdown
8
0.046
0.03
0
4
30.94
3.71
0.2
Idle
8
30.94
3.71
0.2
4
29.37
3.71
0.19
Mute
8
29.39
3.71
0.19
fSPK_AMP =
6
768kHz
4
13.24
0.5
0.08
Sleep
8
13.23
0.52
0.08
4
0.046
0.03
0
Shutdown
8
0.046
0.03
0
4
39.39
3.7
0.25
Idle
8
39.43
3.7
0.25
4
36.91
3.7
0.23
Mute
8
36.9
3.69
0.23
fSPK_AMP =
1152kHz
4
13.17
0.53
0.08
Sleep
8
13.13
0.45
0.08
4
0.046
0.03
0
Shutdown
8
0.046
0.03
0
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TAS5760L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com