Electronic Components Datasheet Search
  English  ▼

X  

TAS5760M Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760M
Description  General-Purpose I2S Input Class-D Amplifier
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760M Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5760M Datasheet HTML 17Page - Texas Instruments TAS5760M Datasheet HTML 18Page - Texas Instruments TAS5760M Datasheet HTML 19Page - Texas Instruments TAS5760M Datasheet HTML 20Page - Texas Instruments TAS5760M Datasheet HTML 21Page - Texas Instruments TAS5760M Datasheet HTML 22Page - Texas Instruments TAS5760M Datasheet HTML 23Page - Texas Instruments TAS5760M Datasheet HTML 24Page - Texas Instruments TAS5760M Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
0
10
20
30
40
50
60
70
80
90
100
110
120
130
8
10
12
14
16
18
20
22
24
PVDD (V)
Ch1 ICN @ Gain = 00
Ch2 ICN @ Gain = 00
Ch1 ICN @ Gain = 01
Ch2 ICN @ Gain = 01
Ch1 ICN @ Gain = 10
Ch2 ICN @ Gain = 10
Idle Channel
RL = 8 Ω
G006
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
RL = 4 Ω
RL = 6 Ω
RL = 8 Ω
G003
0
5
10
15
20
25
30
35
40
45
50
4
6
8
10
12
14
16
18
20
22
24
26
Supply Voltage (V)
RL = 4 Ω
RL = 6 Ω
RL = 8 Ω
4
Ω Thermal Limit
6
Ω Thermal Limit
8
Ω Thermal Limit
THD+N = 10%
G039
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
RL = 4 Ω
RL = 6 Ω
RL = 8 Ω
G002
35
40
45
50
55
60
8
10
12
14
16
18
20
22
24
PVDD (V)
RL = 8 Ω
G022
20
25
30
35
40
8
10
12
14
16
18
20
22
24
PVDD (V)
RL = 8 Ω
G023
TAS5760M
www.ti.com
SLOS772D – JULY 2013 – REVISED JULY 2015
Typical Characteristics (Stereo BTL Mode): fSPK_AMP = 384 kHz (continued)
At TA = 25°C, fSPK_AMP = 384 kHz, input signal is 1 kHz Sine, unless otherwise noted. Filter used for 8 Ω = 22 µH + 0.68 µF,
Filter used for 6
Ω = 15 µH + 0.68 µF, Filter used for 4 Ω = 10 µH + 0.68 µF unless otherwise noted.
With LC Filter as Shown on the EVM
Figure 13. Idle Current Draw vs PVDD
Figure 14. Shutdown Current Draw vs PVDD (Filterless)
7.15 Typical Characteristics (Stereo BTL Mode): fSPK_AMP = 768 kHz
At TA = 25°C, fSPK_AMP = 768 kHz, input signal is 1 kHz Sine, unless otherwise noted. Filter used for 8 Ω = 22 µH + 0.68 µF,
Filter used for 6
Ω = 15 µH + 0.68 µF, Filter used for 4 Ω = 10 µH + 0.68 µF unless otherwise noted.
Thermal Limits are referenced to TAS5760xxEVM Rev D
PVDD = 12 V, POSPK = 1 W
Figure 15. Output Power vs PVDD
Figure 16. THD+N vs Frequency
PVDD = 24 V, POSPK = 1 W
Figure 17. THD+N vs Frequency
Figure 18. Idle Channel Noise vs PVDD
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TAS5760M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com