Electronic Components Datasheet Search
  English  ▼

X  

UPF01002 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # UPF01002
Description  10 Gigabit/s Ethernet Transceiver with OC-192c Framer and XAUI Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

UPF01002 Datasheet(HTML) 1 Page - Infineon Technologies AG

  UPF01002 Datasheet HTML 1Page - Infineon Technologies AG UPF01002 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Never
stop
thinking.
UPF 01002
P RODUCT B RIEF
UPF 01002
TenGiPHY
-W
Applications
■
Fiber optic modules according to
the XENPAK multi-source
agreement
■
10 Gbit/s Ethernet and Fibre
Channel line cards
■
Ethernet backbones in Metro
Area Networks
■
Terabit Routers
Features
■
Complete 10 Gbit/s Ethernet and
Fibre Channel PHY supporting
WAN and LAN applications
■
Complies with IEEE 802.3ae
■
Compliant to XENPAK multi-
source agreement
■
Complies with ANSI 1413-D
■
Embedded µController allows for
control and tuning of the PMDs
via analog interfaces
■
Clock & data recovery and clock
multiplying unit without external
loop filter components
■
Complies with jitter tolerance
and jitter transmit requirements
according to Telcordia GR-1244-
CORE and ITU-T G.825
■
Supports various clocking
modes based on external refer-
ence clocks, loop- and external
timing
■
Integrated bit error rate tester
(BERT) usable for multiple at-
speed diagnostic scenarios
■
Includes the XGXS, PCS, WIS,
and PMA sublayers of the OSI
protocol stack
■
Synchronization and de-skewing
of XAUI lanes
■
Integrated standard STS-192/
STM-64 SONET/SDH framer
according to GR-253-CORE,
ANSI T1. 105/416, ITU-T G.707.
■
Optionally maps/extracts
10 Gbit/s Ethernet packets into/
from the STS-192c/VC4-64c
payload or conveys them to the
serial interface directly
■
Performance monitoring accord-
ing to ANSI T1. 231
■
Various loop back modes for
system debugging
■
Provides access to E²PROM via
I²C interface according to XEN-
PAK requirements; automatic
E²PROM download on power-up
■
Power-efficient design:
<1.3W @ 1.3V
Interfaces
■
Full duplex, XFI compliant serial
CML line interface for data rates
between 9.95 and 10.5 Gbit/s
■
Quad serial Gbit/s XAUI interface
with data rates between 3.1 and
3.2 Gbit/s
■
MDIO interface
■
I²C bus interface
■
XENPAK diagnostic interface
providing eight 12-bit ADCs and
four 10-bit DACs
■
IEEE 1149.1 JTAG boundary
scan interface
10 Gigabit/s Ethernet Trans-
ceiver with OC-192c Framer
and XAUI Interface
The TenGiPHY
-W is a single chip transceiver IC
for 10 Gbit/s Ethernet and Fibre Channel connec-
tivity. It offers a serial, full duplex 10 Gbit/s inter-
face to an optical sub-module. The integrated
CDR and CMU operate at data rates between
9.95328 and 10.51875Gbit/s. The TenGiPHY-W pro-
vides the XGXS, PCS and PMA sublayers of the
10G Ethernet and Fibre Channel standards. For
WAN applications a standard OC-192/STM-64
SONET/SDH framer together with flexible clocking
modes enables a direct connection to the public
network without additional components.
The networking system can control the chip via a
narrow-width MDIO interface by writing and read-
ing its control and status registers.


Similar Part No. - UPF01002

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
UPF01012 INFINEON-UPF01012 Datasheet
160Kb / 2P
10 Gigabit/s Transceiver with XAUI Interface
2002
More results

Similar Description - UPF01002

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
UPF01012 INFINEON-UPF01012 Datasheet
160Kb / 2P
10 Gigabit/s Transceiver with XAUI Interface
2002
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
GIGABIT ETHERNET TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7133 VITESSE-VSC7133 Datasheet
304Kb / 18P
10-bit Transceiver for Fibre Channel and Gigabit Ethernet
logo
Exar Corporation
XRT95L53 EXAR-XRT95L53 Datasheet
77Kb / 4P
OC-48 ETHERNET/SONET MULTI-SERVICE FRAMER PROCESSOR
logo
Applied Micro Circuits ...
CS19205CBI AMCC-CS19205CBI Datasheet
198Kb / 3P
10 Gigabit Ethernet MAC and PHY/OC-192c POS Framer/Mapper
logo
Texas Instruments
TLK3114SC TI1-TLK3114SC Datasheet
368Kb / 68P
10-Gbps XAUI Transceiver
logo
Broadcom Corporation.
BCM8705LAKFBG BOARDCOM-BCM8705LAKFBG Datasheet
99Kb / 2P
SERIAL 10-GBE/FIBRE CHANNEL TRANSCEIVER WITH WIS LAYER AND XAUI??INTERFACE
logo
Texas Instruments
TLK3114SA TI1-TLK3114SA_13 Datasheet
317Kb / 66P
10-Gbps XAUI Transceiver
TLK3114SA TI1-TLK3114SA Datasheet
328Kb / 68P
10-Gbps Xaui Transceiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com