Electronic Components Datasheet Search
  English  ▼

X  

TMD27721 Datasheet(PDF) 14 Page - ams AG

Part # TMD27721
Description  DIGITAL ALS and PROXIMITY MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27721 Datasheet(HTML) 14 Page - ams AG

Back Button TMD27721 Datasheet HTML 10Page - ams AG TMD27721 Datasheet HTML 11Page - ams AG TMD27721 Datasheet HTML 12Page - ams AG TMD27721 Datasheet HTML 13Page - ams AG TMD27721 Datasheet HTML 14Page - ams AG TMD27721 Datasheet HTML 15Page - ams AG TMD27721 Datasheet HTML 16Page - ams AG TMD27721 Datasheet HTML 17Page - ams AG TMD27721 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
TMD2772
DIGITAL ALS
and PROXIMITY MODULE
TAOS147
E − DECEMBER 2012
13
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Interrupts
The interrupt feature simplifies and improves system efficiency by eliminating the need to poll the sensor for
light intensity or proximity values outside of a user-defined range. While the interrupt function is always enabled
and its status is available in the status register (0x13), the output of the interrupt state can be enabled using the
proximity interrupt enable (PIEN) or ALS interrupt enable (AIEN) fields in the enable register (0x00).
Four 16-bit interrupt threshold registers allow the user to set limits below and above a desired light level and
proximity range. An interrupt can be generated when the ALS CH0 data (C0DATA) falls outside of the desired
light level range, as determined by the values in the ALS interrupt low threshold registers (AILTx) and ALS
interrupt high threshold registers (AIHTx). Likewise, an out-of-range proximity interrupt can be generated when
the proximity data (PDATA) falls below the proximity interrupt low threshold (PILTx) or exceeds the proximity
interrupt high threshold (PIHTx).
It is important to note that the thresholds are evaluated in sequence, first the low threshold, then the high
threshold. As a result, if the low threshold is set above the high threshold, the high threshold is ignored and only
the low threshold is evaluated.
To further control when an interrupt occurs, the device provides a persistence filter. The persistence filter allows
the user to specify the number of consecutive out-of-range ALS or proximity occurrences before an interrupt
is generated. The persistence filter register (0x0C) allows the user to set the ALS persistence filter (APERS)
and the proximity persistence filter (PPERS) values. See the persistence filter register for details on the
persistence filter values. Once the persistence filter generates an interrupt, it will continue until a special function
interrupt clear command is received (see command register).
Prox
ADC
Prox
Data
CH0
ADC
CH0
Data
Prox
Integration
CH0
CH1
Upper Limit
Upper Limit
Lower Limit
Lower Limit
Prox Persistence
PILTH(r09), PILTL(r08)
AIHTH(r07), AIHTL(r06)
ALS Persistence
AILTH(r05), AILTL(r04)
PIHTH(r0x0B), PIHTL(r0x0A)
PPERS(r0x0C, b7:4)
APERS(r0x0C, b3:0)
Figure 10. Programmable Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com