Electronic Components Datasheet Search
  English  ▼

X  

TMG3993 Datasheet(PDF) 49 Page - ams AG

Part # TMG3993
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMG3993 Datasheet(HTML) 49 Page - ams AG

Back Button TMG3993 Datasheet HTML 45Page - ams AG TMG3993 Datasheet HTML 46Page - ams AG TMG3993 Datasheet HTML 47Page - ams AG TMG3993 Datasheet HTML 48Page - ams AG TMG3993 Datasheet HTML 49Page - ams AG TMG3993 Datasheet HTML 50Page - ams AG TMG3993 Datasheet HTML 51Page - ams AG TMG3993 Datasheet HTML 52Page - ams AG TMG3993 Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 95 page
background image
ams Datasheet
Page 49
[v1-06] 2015-Apr-09
Document Feedback
TMG3993 − Register Description
Wait Time Register (WTIME 0x83)
The WTIME controls the amount of time in a low power mode
between Proximity and/or ALS cycles. It is set 2.78ms
increments unless the WLONG bit is asserted in which case the
wait times are 12× longer. WTIME is programmed as a 2’s
complement number. Upon power up, the wait time register is
set to 0xFF.
Figure 48:
Wait Time Register
Note(s) and/or Footnote(s):
1. The wait time register should be configured before AEN and/or PEN is asserted.
2. During any Proximity and/or ALS cycle, the wait state, depicted in the functional block diagram, is entered. For example, Proximity
only, Proximity and ALS, or ALS only cycles always enter the WAIT state and are separated by the time defined by WTIME.
765
432
1
0
WTIME
Field
Bits
Description
WTIME
7:0
REGISTER
VALUE
WAIT TIME
TIME
(WLONG=0)
TIME
(WLONG=1)
0xFF
1
2.78 ms
0.03 sec
0xAB
85
236 ms
2.84 sec
….
….
….
0x00
256
712 ms
8.54 sec
256
TIME
2.78ms
------------------
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com