Electronic Components Datasheet Search
  English  ▼

X  

TMG49033 Datasheet(PDF) 38 Page - ams AG

Part # TMG49033
Description  Gesture, Color and Proximity Sensor Module with mobeam Barcode Emulation and IR Remote Control
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMG49033 Datasheet(HTML) 38 Page - ams AG

Back Button TMG49033 Datasheet HTML 34Page - ams AG TMG49033 Datasheet HTML 35Page - ams AG TMG49033 Datasheet HTML 36Page - ams AG TMG49033 Datasheet HTML 37Page - ams AG TMG49033 Datasheet HTML 38Page - ams AG TMG49033 Datasheet HTML 39Page - ams AG TMG49033 Datasheet HTML 40Page - ams AG TMG49033 Datasheet HTML 41Page - ams AG TMG49033 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 104 page
background image
Page 38
ams Datasheet
Document Feedback
[v1-02] 2015-May-14
TMG4903 − Register Description
CRGB Data Registers (0x94 − 0x9B)
Red, green, blue, and clear data are stored as 16-bit values. The
read sequence must read byte pairs (low followed by high)
starting on an even address boundary (0x94, 0x96, 0x98, or
0x9A) inside the CRGB Data Register block. In addition, reading
the Clear channel data low byte (0x94) latches all 8 data bytes.
Reading these 8 bytes consecutively (0x94 - 0x9A) ensures that
the data is concurrent.
Figure 42:
CRGB Data Registers
Field
Register
Bits
Description
CDATA
0x94
7:0
Clear channel data low byte
0x95
15:8
Clear channel data high byte
RDATA
0x96
7:0
Red channel data low byte
0x97
15:8
Red channel data high byte
GDATA
0x98
7:0
Green channel data low byte
0x99
15:8
Green channel data high byte
BDATA
0x9A
7:0
Blue channel data low byte
0x9B
15:8
Blue channel data high byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com