Electronic Components Datasheet Search
  English  ▼

X  

TL431ACLP Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TL431ACLP
Description  Precision Programmable Reference
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL431ACLP Datasheet(HTML) 24 Page - Texas Instruments

Back Button TL431ACLP Datasheet HTML 20Page - Texas Instruments TL431ACLP Datasheet HTML 21Page - Texas Instruments TL431ACLP Datasheet HTML 22Page - Texas Instruments TL431ACLP Datasheet HTML 23Page - Texas Instruments TL431ACLP Datasheet HTML 24Page - Texas Instruments TL431ACLP Datasheet HTML 25Page - Texas Instruments TL431ACLP Datasheet HTML 26Page - Texas Instruments TL431ACLP Datasheet HTML 27Page - Texas Instruments TL431ACLP Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 74 page
background image
REF
CATHODE
ANODE
R2
VSUP
RSUP
R1
VO
(
R1
Vref
0.1%
R2
0.1%
TL431
= 1 +
Vref
)
CL
TL431, TL431A, TL431B
TL432, TL432A, TL432B
SLVS543O – AUGUST 2004 – REVISED JANUARY 2015
www.ti.com
10.2.2 Shunt Regulator/Reference
Figure 27. Shunt Regulator Schematic
10.2.2.1 Design Requirements
For this design example, use the parameters listed in Table 1 as the input parameters.
Table 2. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Reference Initial Accuracy
1.0 %
Supply Voltage
24 V
Cathode Current (Ik)
5 mA
Output Voltage Level
2.5 V - 36 V
Load Capacitance
100 nF
Feedback Resistor Values and Accuracy (R1 & R2)
10 k
Ω
10.2.2.2 Detailed Design Procedure
When using TL431 as a Shunt Regulator, determine the following:
•
Input Voltage Range
•
Temperature Range
•
Total Accuracy
•
Cathode Current
•
Reference Initial Accuracy
•
Output Capacitance
10.2.2.2.1
Programming Output/Cathode Voltage
In order to program the cathode voltage to a regulated voltage a resistive bridge must be shunted between the
cathode and anode pins with the mid point tied to the reference pin. This can be seen in Figure 27, with R1 & R2
being the resistive bridge. The cathode/output voltage in the shunt regulator configuration can be approximated
by the equation shown in Figure 27. The cathode voltage can be more accuratel determined by taking in to
account the cathode current:
Vo=(1+R1/R2)*VREF-IREF*R1
In order for this equation to be valid, TL43xx must be fully biased so that it has enough open loop gain to mitigate
any gain error. This can be done by meeting the Imin spec denoted in Electrical Characteristics, TL431C,
TL432C.
24
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: TL431 TL431A TL431B TL432 TL432A TL432B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com