Electronic Components Datasheet Search
  English  ▼

X  

D5V0P1B2LP3 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # D5V0P1B2LP3
Description  LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0P1B2LP3 Datasheet(HTML) 3 Page - Diodes Incorporated

  D5V0P1B2LP3 Datasheet HTML 1Page - Diodes Incorporated D5V0P1B2LP3 Datasheet HTML 2Page - Diodes Incorporated D5V0P1B2LP3 Datasheet HTML 3Page - Diodes Incorporated D5V0P1B2LP3 Datasheet HTML 4Page - Diodes Incorporated D5V0P1B2LP3 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D5V0P1B2LP3
0
50
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Figure 3 Pulse Derating Curve
A
0
100
25
75
175 200
0.1
1
10
100
0
1
2
3
4
5
6
V , REVERSE VOLTAGE (V)
R
Figure 4 Typical Reverse Characteristics
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
I
(A)
Figure 5 Typical Peak Clamping Voltage V vs.
Peak Pulse Current I
PP
C
PP
0
2
4
6
8
10
12
14
0
2
4
6
V
(kV)
Figure 6 Typical Clamping Voltage vs.
Contact Discharge Voltage
ESD
-50
-40
-30
-20
-10
0
10
20
30
40
0
5
10
15
20
IEC 61000-4-2 Contact Discharge
Positive
Negative
40V/div
20ns/div
Figure 7 IEC 6100-4-2 Clamping Voltage
+8kV Contact
40V/div
20ns/div
Figure 8 IEC 6100-4-2 Clamping Voltage
-8kV Contact
D5V0P1B2LP3
Document number: DS37186 Rev. 1 - 2
3 of 5
www.diodes.com
August 2014
© Diodes Incorporated



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com