Electronic Components Datasheet Search
  English  ▼

X  

54AC574 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC574
Description  Octal D-Type Flip-Flop with TRI-STATE Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC574 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button 54AC574 Datasheet HTML 2Page - National Semiconductor (TI) 54AC574 Datasheet HTML 3Page - National Semiconductor (TI) 54AC574 Datasheet HTML 4Page - National Semiconductor (TI) 54AC574 Datasheet HTML 5Page - National Semiconductor (TI) 54AC574 Datasheet HTML 6Page - National Semiconductor (TI) 54AC574 Datasheet HTML 7Page - National Semiconductor (TI) 54AC574 Datasheet HTML 8Page - National Semiconductor (TI) 54AC574 Datasheet HTML 9Page - National Semiconductor (TI) 54AC574 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AC Electrical Characteristics for ’ACT Family Devices
54ACT
V
CC
T
A = −55˚C
Symbol
Parameter
(V)
to +125˚C
Units
(Note 8)
C
L = 50 pF
Min
Max
f
MAX
Maximum Clock
Frequency
5.0
70
ns
t
PLH
Propagation Delay
5.0
1.5
13.5
ns
CP to O
n
t
PHL
Propagation Delay
5.0
1.5
12.5
ns
CP to O
n
t
PZH
Output Enable Time
5.0
1.5
11.0
ns
t
PZL
Output Enable Time
5.0
1.5
11.0
ns
t
PHZ
Output Disable Time
5.0
1.5
12.0
ns
t
PLZ
Output Disable Time
5.0
1.5
10.0
ns
Note 8: Voltage Range 5.0 is 5.0V ±0.5V
AC Operating Requirements for ’ACT Family Devices
54ACT
V
CC
T
A = −55˚C
Symbol
Parameter
(V)
to +125˚C
Units
(Note 9)
C
L = 50 pF
Guaranteed Minimum
t
s
Set-Up Time, HIGH or LOW
5.0
3.5
ns
D
n to CP
t
h
Hold Time, HIGH or LOW
5.0
2.0
ns
D
n to CP
t
w
CP Pulse Width
5.0
5.0
ns
HIGH or LOW
Note 9: Voltage Range 5.0 is 5.0V ±0.5V
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = OPEN
C
PD
Power Dissipation Capacitance
40.0
pF
V
CC = 5.0V
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com