Electronic Components Datasheet Search
  English  ▼

X  

AP4312 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP4312
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP4312 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP4312 Datasheet HTML 1Page - Diodes Incorporated AP4312 Datasheet HTML 2Page - Diodes Incorporated AP4312 Datasheet HTML 3Page - Diodes Incorporated AP4312 Datasheet HTML 4Page - Diodes Incorporated AP4312 Datasheet HTML 5Page - Diodes Incorporated AP4312 Datasheet HTML 6Page - Diodes Incorporated AP4312 Datasheet HTML 7Page - Diodes Incorporated AP4312 Datasheet HTML 8Page - Diodes Incorporated AP4312 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AP4312
Document number: DS36797 Rev. 1 - 2
1 of 11
www.diodes.com
January 2014
© Diodes Incorporated
AP4312
A Product Line of
Diodes Incorporated
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Description
The AP4312
is
a
highly
integrated
solution for a
constant
voltage/constant current mode SMPS application.
The AP4312 contains one 1.21V voltage reference, one low voltage
reference used in current sensing circuit and two operational
amplifiers.
The
1.21V
voltage
reference,
combined
with one
operational amplifier, makes of an ideal voltage controller for use in
adapters and battery chargers. The low voltage reference, combined
with another operational amplifier, makes of an ideal current limiter for
output low side current sensing.
The AP4312 is fully compatible with AP4306 in functionality and
electrical characteristics except its lower reference voltage for current
control loop, thus higher power efficiency in SMPS applications such
as low power charger can be realized with AP4312 compared to
AP4306.
The AP4312 is available in SOT26 package.
Features
Constant Voltage and Constant Current Control
Precision Internal Voltage Reference
Low External Component Count
Easy Compensation
Low Supply Current: 180
A
Current Control Loop Reference: 70mV
Operating Supply Voltage: 1.7V to 18V
Totally Lead-free & Fully RoHS Compliant (Note 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Pin Assignments
(Top View)
1
2
3
4
5
Pin 1 Mark
6
VSENSE
GND
VCTRL
ICTRL
VOUT
VCC
SOT26 (K6 Package)
Applications
Adapters
Battery Chargers
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP4312

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 4
AP4312QK6TRG1 DIODES-AP4312QK6TRG1 Datasheet
562Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 4
More results

Similar Description - AP4312

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_07 Datasheet
216Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305 BCDSEMI-AP4305_07 Datasheet
218Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
Constant Voltage and Constant Current Controller
logo
BCD Semiconductor Manuf...
AP4306 BCDSEMI-AP4306 Datasheet
705Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Diodes Incorporated
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 4
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4306 DIODES-AP4306 Datasheet
369Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com