Electronic Components Datasheet Search
  English  ▼

X  

AP4312Q Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP4312Q
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP4312Q Datasheet(HTML) 4 Page - Diodes Incorporated

  AP4312Q Datasheet HTML 1Page - Diodes Incorporated AP4312Q Datasheet HTML 2Page - Diodes Incorporated AP4312Q Datasheet HTML 3Page - Diodes Incorporated AP4312Q Datasheet HTML 4Page - Diodes Incorporated AP4312Q Datasheet HTML 5Page - Diodes Incorporated AP4312Q Datasheet HTML 6Page - Diodes Incorporated AP4312Q Datasheet HTML 7Page - Diodes Incorporated AP4312Q Datasheet HTML 8Page - Diodes Incorporated AP4312Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AP4312Q
Document number: DS37444 Rev. 4 - 2
4 of 11
www.diodes.com
November 2015
© Diodes Incorporated
AP4312Q
Pin Descriptions
Pin Number
Pin Name
Function
1
VCTRL
Input pin of the voltage control loop
2
GND
Ground
3
VOUT
Output pin. Sinking current only
4
ICTRL
Input pin of the current control loop
5
VSENSE
Input pin of the current control loop
6
VCC
Power Supply
Functional Block Diagram
VCC
VOUT
VCTRL
GND
VSENSE
I CTRL
4
5
2
1
3
6
1.210V
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Power Supply Voltage
20
V
VIN
Input Voltage
-0.3 to VCC
V
TJ
Junction Temperature
+150
C
TSTG
Storage Temperature
-65 to +150
C
TLEAD
Lead Temperature (Soldering, 5sec)
+260
C
θ
JA
Thermal Resistance (Junction to Ambient)
250
C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com