Electronic Components Datasheet Search
  English  ▼

X  

AP4320 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP4320
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP4320 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP4320 Datasheet HTML 1Page - Diodes Incorporated AP4320 Datasheet HTML 2Page - Diodes Incorporated AP4320 Datasheet HTML 3Page - Diodes Incorporated AP4320 Datasheet HTML 4Page - Diodes Incorporated AP4320 Datasheet HTML 5Page - Diodes Incorporated AP4320 Datasheet HTML 6Page - Diodes Incorporated AP4320 Datasheet HTML 7Page - Diodes Incorporated AP4320 Datasheet HTML 8Page - Diodes Incorporated AP4320 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AP4320
Document number: DS36786 Rev. 2 - 2
5 of 11
www.diodes.com
December 2013
© Diodes Incorporated
AP4320
A Product Line of
Diodes Incorporated
Electrical Characteristics (@V
CC=20V, -25C <TA<+125C, unless otherwise specified.)
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
TOTAL CURRENT CONSUMPTION
ICC
Total Supply Current Not Including the
Output Sinking Current
VICTRL=VSENSE=0V, VOUT=Open
–
190
–
μA
VOLTAGE CONTROL LOOP
Gmv
Transconduction Gain (VCTRL). Sink
Current Only
–
1
3.5
–
mA/mV
VREF
Voltage Control Loop Reference
TA=+25
oC
2.488
2.50
2.512
V
–
2.48
–
2.52
IIBV
Input Bias Current (VCTRL)
–
–
25
–
nA
CURRENT CONTROL LOOP
Gmi
Transconduction Gain (ICTRL). Sink
Current Only
–
1.5
7
–
mA/mV
VSENSE
Current Control Loop Reference
AP4320A
TA = +25°C
29
30
31
mV
–
28
30
32
AP4320B
TA = +25°C
48.5
50
51.5
–
46
50
54
IIBI
Current Out of Pin ICTRL at VSENSE
AP4320A
VICTRL=-30mV
–
16
–
μA
AP4320B
VICTRL=-50mV
–
16
–
OUTPUT STAGE
VOL
Low Output Voltage at 2mA
Sinking Current
–
–
30
100
mV
IOS
Output Short Circuit Current.
Sink Current Only
VOUT=4V
–
30
–
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com