Electronic Components Datasheet Search
  English  ▼

X  

APR34150 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # APR34150
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR34150 Datasheet(HTML) 5 Page - Diodes Incorporated

  APR34150 Datasheet HTML 1Page - Diodes Incorporated APR34150 Datasheet HTML 2Page - Diodes Incorporated APR34150 Datasheet HTML 3Page - Diodes Incorporated APR34150 Datasheet HTML 4Page - Diodes Incorporated APR34150 Datasheet HTML 5Page - Diodes Incorporated APR34150 Datasheet HTML 6Page - Diodes Incorporated APR34150 Datasheet HTML 7Page - Diodes Incorporated APR34150 Datasheet HTML 8Page - Diodes Incorporated APR34150 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
APR34150
Document number: DS37985 Rev. 2 - 2
5 of 10
www.diodes.com
October 2015
© Diodes Incorporated
APR34150
Electrical Characteristics (@TA =+25°C, unless otherwise specified. Cont.)
MOSFET Static Characteristics
Parameters
Symbol
Conditions
Min
Typ
Max
Unit
Drain to Source Breakdown
Voltage
VDSS(BR)
VGS=0V, ID=0.25mA
50
–
–
V
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=0.25mA
0.5
0.9
2
V
Zero Gate Voltage Drain
Current
IDSS
VDS=50V, VGS=0V
–
–
1
μA
Gate to Source Leakage
Current
IGSS
VGS=10V, VDS=0V
–
–
±10
μA
Drain to Source On-state
Resistance
RDS(ON)
VGS=4.5V, ID=15A
12
17
30
m
Ω
MOSFET Dynamic Characteristics
Parameters
Symbol
Conditions
Min
Typ
Max
Unit
Input Capacitance
Ciss
VGS=0V, VDS=25V, f=1MHz
–
1316
–
pF
Output Capacitance
Coss
–
97
–
Reverse Transfer Capacitance
Crss
–
85
–
Gate to Source Charge
Qgs
VGS=0V to 10V, VDD=25V,
ID=15A
–
3.2
–
nC
Gate to Drain Charge (Miller
Charger)
Qgd
–
5.7
–
Total Gate Charge
Qg
–
15.2
–
Gate Resistance
Rg
–
–
0.85
–
Ω
Operation Description
MOSFET Driver
The operation of the SR is described with timing diagram shown in Figure 1. APR34150 monitors the MOSFET drain-source voltage. When the
drain voltage is lower than the turn-on threshold voltage VTHON, the IC outputs a positive drive voltage after a turn-on delay time (tDON). The
MOSFET will turn on and the current will transfer from the body diode into the MOSFET’s channel.
In the process of drain current decreasing linearly toward zero, the drain-source voltage rises synchronically. When it rises over the turn off
threshold voltage VTHOFF, APR34150 pulls the drive signal down after a turn off delay (tDOFF).
I,V
t
t
IS
VDET
VDRISR
VTHON
VTHOFF
0.1VDRISR
0.9VDRISR
0.1VDRISR
0.9VDRISR
tRG
tDON
tFG
tDOFF
0
0
Figure 1. Typical Waveforms of APR34150



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com