Electronic Components Datasheet Search
  English  ▼

X  

BA592 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BA592
Description  Silicon RF Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BA592 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BA592 Datasheet HTML 1Page - Infineon Technologies AG BA592 Datasheet HTML 2Page - Infineon Technologies AG BA592 Datasheet HTML 3Page - Infineon Technologies AG BA592 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Feb-04-2003
3
BA592/BA892...
Diode capacitance CT = (VR)
f = Parameter
0
5
10
15
20
V
30
VR
0
0.4
0.8
1.2
pF
2
1 MHz ... 1 GHz
Reverse parallel resistance RP = (VR)
f = Parameter
0
5
10
15
20
V
30
VR
-1
10
0
10
1
10
2
10
3
10
KOhm
100 MHz
1 GHz
Forward resistance rf =  (IF)
f = 100MHz
10
-2
10
-1
10
0
10
1
10
2
mA
IF
-1
10
0
10
1
10
2
10
Ohm
Forward current IF =  (VF)
TA = Parameter
0
0.2
0.4
0.6
0.8
V
1.2
VF
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
A
-40 °C
25 °C
85 °C
125 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com