Electronic Components Datasheet Search
  English  ▼

X  

BA885 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BA885
Description  Silicon PIN Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BA885 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BA885 Datasheet HTML 1Page - Infineon Technologies AG BA885 Datasheet HTML 2Page - Infineon Technologies AG BA885 Datasheet HTML 3Page - Infineon Technologies AG BA885 Datasheet HTML 4Page - Infineon Technologies AG BA885 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Apr-06-2004
1
BA595/BA885/BA895...
Silicon PIN Diode
• Current-controlled RF resistor
for switching and attenuating applications
• Frequency range 1 MHz ... 2 GHz
• Especially useful as antenna switch
in TV-sat tuners
• Very low harmonics
BA595
BA895
BA885
1
2
3
1
2
Type
Package
Configuration
LS(nH) Marking
BA595
BA885
BA895
SOD323
SOT23
SCD80
single
single
single
1.8
1.8
0.8
white R
PA
RA
Maximum Ratings
at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
50
V
Forward current
IF
50
mA
Junction temperature
Tj
150
°C
Operating temperature range
Top
-55 ... 125
Storage temperature
Tstg
-55 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BA595, BA885
BA895
RthJS
≤ 370
≤ 95
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BA885

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BA885 SIEMENS-BA885 Datasheet
37Kb / 2P
Silicon PIN Diode
logo
Guangdong Kexin Industr...
BA885 KEXIN-BA885 Datasheet
36Kb / 1P
Silicon PIN Diode
logo
Infineon Technologies A...
BA885 INFINEON-BA885 Datasheet
114Kb / 10P
Silicon PIN Diode
2007-04-19
BA885 INFINEON-BA885 Datasheet
986Kb / 11P
Current-controlled RF resistor for switching and attenuating applications
2014-02-11
More results

Similar Description - BA885

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
Silicon PIN diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
Silicon PIN diode
2004 Feb 17
logo
Advanced Semiconductor
AP1000C-11 ASI-AP1000C-11 Datasheet
15Kb / 1P
SILICON PIN DIODE
logo
NXP Semiconductors
BAP27-01 PHILIPS-BAP27-01 Datasheet
77Kb / 7P
Silicon PIN diode
2001 Nov 01
BAP63-03 PHILIPS-BAP63-03 Datasheet
66Kb / 7P
Silicon PIN diode
2004 Feb 11
BAP63-05 PHILIPS-BAP63-05 Datasheet
76Kb / 6P
Silicon PIN diode
2000 Feb 17
BAP70-02 NXP-BAP70-02 Datasheet
229Kb / 6P
Silicon PIN diode
Rev. 05-2 January 2008
logo
Guangdong Kexin Industr...
BAP64-02 KEXIN-BAP64-02 Datasheet
35Kb / 1P
Silicon PIN diode
BAP63-02 KEXIN-BAP63-02 Datasheet
36Kb / 2P
Silicon PIN diode
logo
Infineon Technologies A...
BA595E6327 INFINEON-BA595E6327 Datasheet
903Kb / 10P
Silicon PIN Diode
2011-07-21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com