Electronic Components Datasheet Search
  English  ▼

X  

BAL74 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BAL74
Description  Silicon Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAL74 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BAL74 Datasheet HTML 1Page - Infineon Technologies AG BAL74 Datasheet HTML 2Page - Infineon Technologies AG BAL74 Datasheet HTML 3Page - Infineon Technologies AG BAL74 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAL74
Jul-27-2001
3
Reverse current IR = f (TA)
10
10
10
0
50
100
150
BAL 74
EHB00002
nA
T
A
Ι
R
˚C
10
10
5
4
3
2
1
5
5
5
25 V
70 V
max.
= 70 V
R
V
typ.
Forward current IF = f (TS)
0
15
30
45
60
75
90
105 120 °C
150
TS
0
50
100
150
200
mA
300
Forward current IF = f (VF)
TA = 25°C
0
0
EHB00003
BAL 74
Ι
0.5
1.0
V
1.5
50
100
mA
150
F
F
V
max
typ
Peak forward current IFM = f (tp)
TA = 25°C
10
EHB00004
Ι
FM
t
-2
-6
10
D = 0.005
0.01
0.02
T
D =
T
BAL 74
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
-1
10
0
10
1
10
2
10
A
t p
t p
0.05
0.1
0.2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com