Electronic Components Datasheet Search
  English  ▼

X  

2M803 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # 2M803
Description  SMALLER, LIGHTER-WEIGHT ALTERNATIVE FOR D3899 PERFORMANCE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2M803 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button 2M803 Datasheet HTML 11Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 12Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 13Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 14Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 15Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 16Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 17Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 18Page - List of Unclassifed Manufacturers 2M803 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
2M801 DIMENSIONS
PLUG
All dimensions in inches (millimeters in blue)
SHELL SIZE
STYLE 16
STYLE 26
B THREAD
C DIA.
D THREAD UNEF-2A
A DIA.
A DIA.
IN.
MM.
IN.
MM.
IN.
MM.
5
0.540
13.72
0.64
16.256
.3125-.05P-.1L-2B
0.245
6.223
.250 - 32
6
0.600
15.24
0.7
17.78
.3750-.05P-.1L-2B
0.29
7.366
.3125 - 32
7
0.680
17.27
0.78
19.812
.4375-.05P-.1L-2B
0.39
9.906
.4375 - 28
8
0.750
19.05
0.85
21.59
.5000-.05P-.1L-2B
0.445
11.303
.5000 - 28
9
0.810
20.57
0.91
23.114
.5625-.05P-.1L-2B
0.5
12.7
.5625 - 24
10
0.880
22.35
0.98
24.892
.6250-.05P-.1L-2B
0.56
14.224
.6250 - 24
13
1.050
26.67
1.15
29.21
.8125-.1P-.2L-2B
0.65
16.51
.6875 - 24
16
1.240
31.50
1.34
34.036
1.000-.1P-.2L-2B
0.805
20.447
.9375 - 20
17
1.300
33.02
1.4
35.56
1.0625-.1P-.2L-2B
0.85
21.59
.9375 - 20
21
1.550
39.37
1.65
41.91
1.3125-.1P-.2L-2B
1.11
28.194
1.1875 - 18
JAM NUT RECEPTACLE
SHELL
SIZE
A DIA.
B FLAT
C FLAT
D THREAD
E THREAD
F DIA.
G THREAD
IN.
MM.
IN.
MM.
IN.
MM.
5
0.575
14.61
0.350
8.89
0.545
.3125-.05P-.1L-2A .3125-.05P-.1L-2A
0.245
6.22
.2500-32 UN-2A
6
0.635
16.13
0.410
10.41
0.595
.3750-.05P-.1L-2A .3750-.05P-.1L-2A
0.290
7.37
.3125-32 UN-2A
7
0.755
19.18
0.536
13.61
0.723
.4375-.05P-.1L-2A .4375-.05P-.1L-2A
0.390
9.91
.4375-28 UN-2A
8
0.755
19.18
0.536
13.61
0.723
.5000-.05P-.1L-2A .5000-.05P-.1L-2A
0.445
11.30
.5000-28 UN-2A
9
0.830
21.08
0.596
15.14
0.790
.5625-.05P-.1L-2A .5625-.05P-.1L-2A
0.500
12.70
.5625-24 UN-2A
10
0.890
22.61
0.658
16.71
0.855
.6250-.05P-.1L-2A .6250-.05P-.1L-2A
0.560
14.22
.6250-24 UN-2A
13
1.078
27.38
0.845
21.46
1.044
.8125-.1P-.2L-2A
.8125-.1P-.2L-2A
0.650
16.51
.6875-24 UN-2A
16
1.264
32.11
1.022
25.96
1.230
1.0000-.1P-.2L-2A 1.0000-.1P-.2L-2A
0.805
20.45
.9375-20 UN-2A
17
1.325
33.66
1.096
27.84
1.290
1.0625-.1P-.2L-2A 1.0625-.1P-.2L-2A
0.850
21.59
.9375-20 UN-2A
21
1.625
41.28
1.345
34.16
1.577
1.3125-.1P-.2L-2A
1.3125-.1P-.2L-2A
1.110
28.19
1.1875-18 UN-2A
JAM NUT PANEL CUTOUT
SHELL SIZE
A FLAT
B DIA.
IN +/-.002
MM +/- 0.05
IN +/-.002
MM +/- 0.05
5
0.356
9.04
0.385
9.78
6
0.416
10.57
0.447
11.35
7
0.542
13.77
0.572
14.53
8
0.542
13.77
0.572
14.53
9
0.602
15.29
0.635
16.13
10
0.666
16.62
0.697
17.7
13
0.851
21.62
0.885
22.48
16
1.028
26.11
1.075
27.31
17
1.102
27.99
1.135
28.83
21
1.354
34.39
1.385
35.18
1.000 (25.4)
MAX
B THREAD
C DIA
STRAIGHT FLUTES
B THREAD
D THREAD
.960 (24.4)
MAX.
2 SAFETY WIRE
HOLES AT 180°
SHIELD
TERMINATION
A DIA
MASTER
KEY
B FLAT
C FLAT
MASTER KEYWAY
A DIA.
D THREAD
RED BAND INDICATES FULL MATE
E THREAD
.060 (1.5)
1.060 (26.9)
MAX
.100 (2.54) MAX
PANEL THICKNESS
430 (10.9) MAX
F DIA.
G THREAD
B DIA.
A FLAT
B DIA.
A FLAT
CUTOUT DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com