Electronic Components Datasheet Search
  English  ▼

X  

2M805 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 2M805
Description  SMALLER, LIGHTER-WEIGHT ALTERNATIVE FOR D3899 PERFORMANCE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2M805 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  2M805 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2M805 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2M805 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2M805 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2M805 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2M805 Datasheet HTML 6Page - List of Unclassifed Manufacturers 2M805 Datasheet HTML 7Page - List of Unclassifed Manufacturers 2M805 Datasheet HTML 8Page - List of Unclassifed Manufacturers 2M805 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LAYOUTS BY NUMBER OF CONTACTS
2M801
2M803
2M804
2M805
# OF CONTACTS & SIZE
DWV VOLTAGE (VAC)
6-1
6-1
6-1
8-1
1#16
1800
7-1
7-1
7-1
9-1
1#12
1800
8-2
8-2
8-2
10-2
2#16
1800
10-2
10-2
10-2
12-2
2#12
1800
13-2
12-2
12-2
15-2
2#12
1800
Front face of pin inserts shown. (Sockets mirror image)
CONTACTS
1
2
2
1
2
1
2
1
2M801
2M803
2M804
2M805
# OF CONTACTS & SIZE
DWV VOLTAGE (VAC)
5-3
5-3
5-3
NA
3#23
500
6-23
6-23
6-23
8-23
3#20HD
750
13-3
12-3
12-3
15-3
3#12
1800
6-4
6-4
6-4
8-4
4#23
500
9-4
9-4
9-4
11-4
4#16
1800
CONTACTS
3
4
B
A
C
2
1
3
2
3
1
2
1
3
4
2
1
4
3
2M801
2M803
2M804
2M805
# OF CONTACTS & SIZE
DWV VOLTAGE (VAC)
7-25
7-25
7-25
9-25
5#20HD
750
10-5
10-5
10-5
12-5
5#16
1800
16-5
14-5
14-5
18-5
5#12
1800
6-6
6-6
6-6
8-6
6#23
500
8-200
8-200
8-200
10-200
4#23, 2#20
1000 (#20), 500 (#23)
CONTACTS
5
6
2
1
3
4
5
2
1
5
3
4
2
3
1
4
5
2
1
3
4
5
6
2
1
3
4
5
6
2M801
2M803
2M804
2M805
# OF CONTACTS & SIZE
DWV VOLTAGE (VAC)
9-200
9-200
9-200
11-200
4#23, 2#16
1800 (#16), 500 (#23)
10-201
10-201
10-201
12-201
4#23, 2#12
1800 (#12), 500 (#23)
6-7
6-7
6-7
8-7
7#23
500
13-7
12-7
12-7
15-7
7#16
1800
17-7
NA
NA
19-7
7#12
1800
CONTACTS
6 (CONT.)
7
2
1
4
3
5
6
2
1
6
5
3
4
2
1
7
3
4
5
6
1
2
3
4
5
6
7
4
2
5
6
7
3
1
2M801
2M803
2M804
2M805
# OF CONTACTS &
SIZE
DWV VOLTAGE (VAC)
8-28
8-28
8-28
10-28
8#20HD
750
13-200
12-200
12-200
15-200
6#23, 2#12
1800 (#12), 500 (#23)
7-10
7-10
7-10
9-10
10#23
500
9-201
9-201
9-201
11-201
8#23, 12#20
1000 (#700), 500 (#23)
9-210
9-210
9-210
11-210
10#20HD
750
10-202
10-202
10-202
12-202
8#23, 2#16
1800 (#16), 500 (#23)
CONTACTS
8
10
2
1
4
3
5
6
6
4
5
8
7
1
2
3
2
1
3
8
9
10
4
7
2
1
6
5
8
10
9
3
4
7
2
3
10
4
1
7
9
8
5
6
2
1
4
3
5
6
10
9
8
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com