Electronic Components Datasheet Search
  English  ▼

X  

770 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 770
Description  Miniature connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

770 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  770 Datasheet HTML 1Page - List of Unclassifed Manufacturers 770 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product sheet
Miniature connector
Product
Contacts: 8, Female panel mount connector, dip-solder
Area
Bayonet NCC Series 770
Article number
09 0774 090 08
Illustration
Scale drawing
Contact Arrangement
You can find the item description and assembly instruction on the next page.
Technical data
Common values
Connector Design
Female panel mount connector
Connector locking system
Bayonet
Termination
dip-solder
Wire gauge (mm)
0.25 mm²
Wire gauge (AWG)
max. 24
Upper temperature
85 °C
Lower temperature
-25 °C
Electrical values
Rated voltage
175 V
Rated impulse voltage
1750 V
Pollution degree
2
Overvoltage category
II
Material group
II
Rated current (40°C)
2 A
Volume resistivity
≤ 15 mΩ
EMV compliance
-
Degree of protection
IP67 auch ungesteckt
Mechanical operation
> 5000 mating cycles
Material
Material of contact
CuSn (Bronze)
Contact plating
Au (Gold)
Material of contact body
PA (UL 94 V-0)
Material of housing
PA (UL 94 HB)
Date: 2016-01-13 - Page 1 of 2


Similar Part No. - 770

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
770 FREESCALE-770 Datasheet
390Kb / 8P
Single Band LNA and Mixer FEIC
logo
CTS Corporation
770 CTS-770 Datasheet
91Kb / 3P
Single In-Line Conformal
logo
Adafruit Industries
770 ADAFRUIT-770 Datasheet
156Kb / 3P
Waterproof 2xAA Battery Holder with On/Off Switch
11/12/2015
logo
Master Lock Company LLC...
770 MASTERLOCK-770 Datasheet
34Kb / 1P
Solid Steel Hasp & Hidden Shackle Padlock
logo
Keystone Electronics Co...
770 KEYSTONE-770 Datasheet
355Kb / 1P
GROMMETS & BUSHINGS
31-07 20th
More results

Similar Description - 770

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
A3B-04PA-2DSA HIROSE-A3B-04PA-2DSA Datasheet
439Kb / 16P
2mm Pitch Miniature Connector
A3C-10DA-2DSA HIROSE-A3C-10DA-2DSA Datasheet
358Kb / 16P
2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A4B-6S-2C ETC2-A4B-6S-2C Datasheet
358Kb / 16P
2mm Pitch Miniature Connector
A3A-10DA-2SV ETC-A3A-10DA-2SV Datasheet
358Kb / 16P
2mm Pitch Miniature Connector
A3-10DA-2SV ETC2-A3-10DA-2SV Datasheet
358Kb / 16P
2mm Pitch Miniature Connector
A3-6PA-2SV ETC2-A3-6PA-2SV Datasheet
358Kb / 16P
2mm Pitch Miniature Connector
logo
Adam Technologies, Inc.
DB25-SG-22 ADAM-TECH-DB25-SG-22 Datasheet
87Kb / 1P
MICRO MINIATURE CONNECTOR
DE09-SG-22 ADAM-TECH-DE09-SG-22 Datasheet
89Kb / 1P
MICRO MINIATURE CONNECTOR
MR50-PD ADAM-TECH-MR50-PD Datasheet
99Kb / 1P
MINIATURE RIBBON CONNECTOR
logo
Hirose Electric
A3 HIROSE-A3_18 Datasheet
333Kb / 16P
2mm Pitch Miniature Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com