Electronic Components Datasheet Search
  English  ▼

X  

BAR63 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAR63
Description  Silicon PIN Diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR63 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAR63 Datasheet HTML 1Page - Infineon Technologies AG BAR63 Datasheet HTML 2Page - Infineon Technologies AG BAR63 Datasheet HTML 3Page - Infineon Technologies AG BAR63 Datasheet HTML 4Page - Infineon Technologies AG BAR63 Datasheet HTML 5Page - Infineon Technologies AG BAR63 Datasheet HTML 6Page - Infineon Technologies AG BAR63 Datasheet HTML 7Page - Infineon Technologies AG BAR63 Datasheet HTML 8Page - Infineon Technologies AG BAR63 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Jun-27-2003
2
BAR63...
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
50
V
Forward current
IF
100
mA
Total power dissipation
BAR63-02L, TS 118°C
BAR63-02V, -02W, BAR63-03W, TS 115°C
BAR63-04...BAR63-06, TS  55°C
BAR63-04S, TS 115°C
BAR63-04W...BAR63-06W, TS 105°C
BAR63-07L4, TS tbd
Ptot
250
250
250
250
250
250
mW
Junction temperature
Tj
150
°C
Operating temperature range
Top
-55 ... 125
Storage temperature
Tstg
-55 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BAR63-02L
BAR63-02V, BAR63-02W
BAR63-03W
BAR63-04...BAR63-06
BAR63-04S
BAR63-04W...BAR63-06W
BAR63-07L4
RthJS
 125
 140
 155
 380
 180
 180
 tbd
K/W
1For calculation of RthJA please refer to the Technical Information



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com