Electronic Components Datasheet Search
  English  ▼

X  

BAR64 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAR64
Description  Silicon PIN Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR64 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAR64 Datasheet HTML 1Page - Infineon Technologies AG BAR64 Datasheet HTML 2Page - Infineon Technologies AG BAR64 Datasheet HTML 3Page - Infineon Technologies AG BAR64 Datasheet HTML 4Page - Infineon Technologies AG BAR64 Datasheet HTML 5Page - Infineon Technologies AG BAR64 Datasheet HTML 6Page - Infineon Technologies AG BAR64 Datasheet HTML 7Page - Infineon Technologies AG BAR64 Datasheet HTML 8Page - Infineon Technologies AG BAR64 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Feb-14-2003
2
BAR64...
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
150
V
Forward current
IF
100
mA
Total power dissipation
BAR64-02L, TS ≤ 135 °C
BAR64-02V, TS ≤ 125 °C
BAR64-03W, BAR64-07, TS ≤ 25 °C
BAR64-04, -05, -06, TS ≤ 65 °C
BAR64-04T, TS ≤ 109 °C
BAR64-04W, -05W, -06W, TS ≤ 115 °C
Ptot
250
250
250
250
250
250
mW
Junction temperature
Tj
150
°C
Operating temperature range
Top
-55 ... 125
Storage temperature
Tstg
-55 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BAR64-02L
BAR64-02V, -04W, -05W, -06W
BAR64-03W
BAR64-04, -05, -06
BAR64-04T
BAR64-07
RthJS
≤ 60
≤ 140
≤ 370
≤ 340
≤ 165
≤ 290
Electrical Characteristics at
TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Breakdown voltage
I(BR) = 5 µA
V(BR)
150
-
-
V
Forward voltage
IF = 50 mA
VF
-
-
1.1
1For calculation of RthJA please refer to Application Note Thermal Resistance



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com