Electronic Components Datasheet Search
  English  ▼

X  

BAR80 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAR80
Description  Silicon RF Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR80 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAR80 Datasheet HTML 1Page - Infineon Technologies AG BAR80 Datasheet HTML 2Page - Infineon Technologies AG BAR80 Datasheet HTML 3Page - Infineon Technologies AG BAR80 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAR80
Aug-17-2001
2
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC characteristics
Reverse current
VR = 20 V
IR
-
-
20
nA
Forward voltage
IF = 100 mA
VF
0.8
-
1
V
AC characteristics
Diode capacitance
VR = 1 V, f = 1 MHz
VR = 3 V, f = 1 MHz
CT
-
0.6
1
0.92
1.6
1.3
pF
Forward resistance
IF = 5 mA, f = 100 MHz
rf
-
0.5
0.7

Series inductance chip to ground
Ls
-
0.14
-
nH
Application information
Shunt signal isolation
IF = 10 mA, f = 2 GHz, RG=RL=50
SI
-
23
-
dB
Shunt insertion loss
VR = 5 V, f = 2 GHz, RG=RL=50
IL
-
0.15
-
Configuration of the shunt-diode
- A perfect ground is essential for optimum isolation
- The anode pins should be used as passage for RF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com