Electronic Components Datasheet Search
  English  ▼

X  

BAS140W Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BAS140W
Description  Silicon Schottky Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS140W Datasheet(HTML) 7 Page - Infineon Technologies AG

  BAS140W Datasheet HTML 1Page - Infineon Technologies AG BAS140W Datasheet HTML 2Page - Infineon Technologies AG BAS140W Datasheet HTML 3Page - Infineon Technologies AG BAS140W Datasheet HTML 4Page - Infineon Technologies AG BAS140W Datasheet HTML 5Page - Infineon Technologies AG BAS140W Datasheet HTML 6Page - Infineon Technologies AG BAS140W Datasheet HTML 7Page - Infineon Technologies AG BAS140W Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Jan-16-2004
7
BAS40.../BAS140W
Permissible Puls Load RthJS = ƒ (tp)
BAS140W
t
EHD07165
p
10
-6
10
-5
10
-4
10
-3
10
-2
s10
0
5
T
t p
D =
t p
T
10
0
1
10
2
10
D =
0.5
0.2
0.1
0.05
0.02
0.01
0.005
0
R
thJS
5
5
K/W
BAS 140W
Permissible Pulse Load
IFmax/ IFDC = ƒ (tp)
BAS140W
t
EHD07166
p
F
10
-6
10
-5
10
-4
10
-3
10
-2
s10
0
T
t p
D =
t p
T
D =
0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Ι
max
DC
Ι
F
2
10
5
5
10
1
0
10
BAS 140W
Permissible Pulse Load
IFmax/ IFDC = ƒ (tp)
BAS40-02L
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Puls Load RthJS = ƒ (tp)
BAS40-02L
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
1
s
tp
0
10
1
10
2
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com