Electronic Components Datasheet Search
  English  ▼

X  

BAT17 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BAT17
Description  Silicon Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT17 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BAT17 Datasheet HTML 1Page - Infineon Technologies AG BAT17 Datasheet HTML 2Page - Infineon Technologies AG BAT17 Datasheet HTML 3Page - Infineon Technologies AG BAT17 Datasheet HTML 4Page - Infineon Technologies AG BAT17 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Feb-03-2003
4
BAT17...
Diode capacitance CT = (VR)
f = 1MHz
0
0.5
1
1.5
2
2.5
3
3.5
4
V
5
VR
0.1
0.2
0.3
0.4
pF
0.6
Forward resistance rf =  (IF)
f = 10kHz
10
EHD07109
r
f
F
Ι
-1
0
10
1
10
2
10
mA
0
10
Ω
10
3
10
1
10
2
Reverse current IR = (VR)
TA = Parameter
0.0
V
10
EHD07107
Ι
R
R
V
-3
-2
10
-1
10
0
10
1
10
2
10
A
1.0
2.0
3.0
4.0
T
A=150 ˚C
˚C
85
25
µ
˚C
Forward current IF =  (VF)
TA = Parameter
0.0
10
EHD07106
Ι
F
F
V
-2
-1
10
0
10
1
10
10
2
mA
-40 ˚C
0.1
0.2
0.3
0.4
0.5 V 0.6
T
A =
25
150
85
˚C
˚C
˚C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com