Electronic Components Datasheet Search
  English  ▼

X  

BAT18 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BAT18
Description  Silicon RF Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT18 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BAT18 Datasheet HTML 1Page - Infineon Technologies AG BAT18 Datasheet HTML 2Page - Infineon Technologies AG BAT18 Datasheet HTML 3Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Jan-07-2003
3
BAT18...
Diode capacitance CT =  (VR)
f = 1MHz
0
0.0
EHD07019
BAT 18...
C
T
R
V
10
20
V
30
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
pF
2.0
Forward resistance rf =  (IF)
f = 100MHz
10
EHD07020
BAT 18...
r
f
F
Ι
-1
0
10
1
10
2
10
mA
-1
10
Ω
10
1
10
0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com