Electronic Components Datasheet Search
  English  ▼

X  

BAT60B Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BAT60B
Description  Silicon Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT60B Datasheet(HTML) 3 Page - Infineon Technologies AG

  BAT60B Datasheet HTML 1Page - Infineon Technologies AG BAT60B Datasheet HTML 2Page - Infineon Technologies AG BAT60B Datasheet HTML 3Page - Infineon Technologies AG BAT60B Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Jun-15-2004
3
BAT60B...
Reverse current IR = ƒ(VR)
TA = Parameter
0
2
4
6
8
V
12
VR
-10
10
-9
10
-8
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10A
25°C
-40°C
85°C
125°C
Forward current IF = ƒ (VF)
TA = Parameter
0
0.1
0.2
0.3
0.4
0.5
0.6
V
0.8
VF
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
A
-40°C
25°C
85°C
125°C
Permissible Reverse voltage VR = ƒ (TA)
tp = Parameter; duty cycle < 0.01
Device mounted on PCB with Rth = 160 K/W
0
20
40
60
80
100
120 °C
150
TA
0
1
2
3
4
5
6
7
8
9
10
V
12
300µs
100ms
DC
Forward current IF = ƒ (TS)
0
15
30
45
60
75
90 105 120 °C
150
TS
0
500
1000
1500
2000
2500
mA
3500



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com