Electronic Components Datasheet Search
  English  ▼

X  

BAT60 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BAT60
Description  Silicon Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT60 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAT60 Datasheet HTML 1Page - Infineon Technologies AG BAT60 Datasheet HTML 2Page - Infineon Technologies AG BAT60 Datasheet HTML 3Page - Infineon Technologies AG BAT60 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Jun-15-2004
1
BAT60B...
Silicon Schottky Diode
• High current rectifier Schottky diode with
very low VF drop (typ. 0.24 V at IF = 10mA)
• For power supply applications
• For clamping and protection in
low voltage applications
• For detection and step-up-conversion
BAT60B
1
2
ESD
: Electrostatic discharge sensitive device, observe handling precaution!
Type
Package
Configuration
Marking
BAT60B
SOD323
single
white/5
Maximum Ratings
at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage1)
VR
10
V
Forward current
IF
3
A
Non-repetitive peak surge forward current
(t
≤ 10ms)
IFSM
5
Total power dissipation
TS ≤ 28°C
Ptot
1350
mW
Junction temperature
Tj
150
°C
Operating temperature range
Top
-55 ... 125
Storage temperature
Tstg
-55 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point2)
RthJS
≤ 90
K/W
1For TA > 25 °C the derating of VR has to be considered. Please refer to curve Permissible reverse voltage.
2For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BAT60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT60 STMICROELECTRONICS-BAT60 Datasheet
58Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
May-2000
logo
Siemens Semiconductor G...
BAT60 SIEMENS-BAT60 Datasheet
25Kb / 3P
Silicon Schottky Diode (Rectifier Schottky diode for mobile communication Low voltage high inductane For power supply
BAT60A SIEMENS-BAT60A Datasheet
24Kb / 3P
Silicon Schottky Diode (Rectifier Schottky diode with extreme low VF drop for mobile communication For power supply
logo
Infineon Technologies A...
BAT60A INFINEON-BAT60A Datasheet
65Kb / 6P
Silicon Schottky Diode
2007-04-19
logo
Zhaoxingwei Electronics...
BAT60A ZHAOXINGWEI-BAT60A Datasheet
3Mb / 1P
SOD-323 Plastic-Encapsulate Diodes
More results

Similar Description - BAT60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS52 INFINEON-BAS52 Datasheet
394Kb / 4P
Silicon Schottky Diode
Nov-04-2002
BAS140W INFINEON-BAS140W Datasheet
506Kb / 8P
Silicon Schottky Diode
Jan-16-200
BAS170W INFINEON-BAS170W Datasheet
46Kb / 4P
Silicon Schottky Diode
Aug-06-2001
BAT14 INFINEON-BAT14 Datasheet
386Kb / 3P
Silicon Schottky Diode
Feb-03-2003
logo
Continental Device Indi...
UBMS10BC CDIL-UBMS10BC Datasheet
122Kb / 3P
SILICON SCHOTTKY DIODE
logo
Guangdong Kexin Industr...
BAT17-04W KEXIN-BAT17-04W Datasheet
47Kb / 1P
Silicon Schottky Diode
logo
Infineon Technologies A...
BAT60A INFINEON-BAT60A Datasheet
65Kb / 6P
Silicon Schottky Diode
2007-04-19
logo
Central Semiconductor C...
CMOSH2-4L CENTRAL-CMOSH2-4L_15 Datasheet
494Kb / 2P
SILICON SCHOTTKY DIODE
logo
M/A-COM Technology Solu...
SMS202 MA-COM-SMS202 Datasheet
532Kb / 3P
Silicon Schottky Diode
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com